Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 74 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 74 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 70Page - Infineon Technologies AG TLE8262E Datasheet HTML 71Page - Infineon Technologies AG TLE8262E Datasheet HTML 72Page - Infineon Technologies AG TLE8262E Datasheet HTML 73Page - Infineon Technologies AG TLE8262E Datasheet HTML 74Page - Infineon Technologies AG TLE8262E Datasheet HTML 75Page - Infineon Technologies AG TLE8262E Datasheet HTML 76Page - Infineon Technologies AG TLE8262E Datasheet HTML 77Page - Infineon Technologies AG TLE8262E Datasheet HTML 78Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
Data Sheet
74
Rev. 1.0, 2009-03-31
TLE8262E
Serial Peripheral Interface
15.5.2
SBC Configuration Setting and Read Out
15.5.2.1 Mode selection bits and configuration select
Table 14 lists the encoding of the possible SBC mode. Except SBC Restart and Init Mode which are most of time
entered automatically, all others SBC mode are accessible on request of the microcontroller. The microcontroller
should send the correct mode selection bits to set the SBC in the respective mode. The output indicates the SBC
mode where the SBC currently is or was, depending on the situation.
Table 15 lists the eight possible configuration selection. Some are related to event or state of the different part of
the SBC, others are used to configure the SBC in the application specific set up.
Table 14
Mode Selection Bits
MS2 MS1 MS0
Data Input
Data Output
0
0
0
Not valid (the complete SPI word is ignored) Show the device was in Init previous SPI data
0
0
1
Set the SBC to SBC Restart Mode.
(In SW Flash mode only)
Show the device was in Restart previous SPI
data
0
1
0
Set the SBC to Software Flash Mode
Show the device is SBC Software Flash Mode
0
1
1
Set the SBC to SBC Normal Mode
Show the device is in SBC Normal Mode
1
0
0
Set the SBC to SBC Sleep Mode
Show the device was in SBC Sleep Mode
1
0
1
Set the SBC to SBC Stop Mode
Show the device is in SBC Stop Mode
1
1
0
Set the SBC to SBC Fail-Safe Mode
(In SBC Software Development mode only)
Show the device was in SBC Fail-Safe Mode
1
1
1
Set the SBC to Read Only SPI access. The
configuration register needs to be selected.
The SPI information on SDO is provided in
the same SPI frame. No write access is
done in this mode.
Bit 15 (Watchdog) has to be served
correctly.
Reserved
Table 15
Configuration Select Encoder (for Data Input and Output)
CS2
CS1
CS0
Configuration Register Select
0
0
0
Wake Register Interrupt
0
0
1
SBC Failure Interrupt
0
1
0
Communication Failure Interrupt
0
1
1
Reserved
1
0
0
SBC Configuration Register
1
0
1
Communication Setup Register
1
1
0
Watchdog Configuration Register
1
1
1
Limp Home / Diagnosis Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com