Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 30Page - Infineon Technologies AG TLE8262E Datasheet HTML 31Page - Infineon Technologies AG TLE8262E Datasheet HTML 32Page - Infineon Technologies AG TLE8262E Datasheet HTML 33Page - Infineon Technologies AG TLE8262E Datasheet HTML 34Page - Infineon Technologies AG TLE8262E Datasheet HTML 35Page - Infineon Technologies AG TLE8262E Datasheet HTML 36Page - Infineon Technologies AG TLE8262E Datasheet HTML 37Page - Infineon Technologies AG TLE8262E Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 93 page
background image
Data Sheet
34
Rev. 1.0, 2009-03-31
TLE8262E
High Speed CAN Transceiver
Figure 13
Release of the Transmission after Overtemperature
8.4.5
Permanent RxD Recessive Clamping
If the RxD signal is permanently recessive (such as shorted to
V
cc1µC), although there is a message sent on the
bus, the host microcontroller of this transceiver could start a message at any time because the bus appears to be
idle. To prevent this node from disturbing communication on the bus, the SBC offers permanent RxD recessive
clamping. If the RxD signal is permanently recessive, the failure is diagnosed and the transmitter is deactivated
as long as the error occurs. The transmitter is reactivated after an SPI command.
8.4.6
VccHSCAN Undervoltage
The CAN transceiver cell has no dedicated under voltage detection and use the
V
CC2 or VCC3 under voltage
circuitry. The µC can switch of the CAN in case of undervoltage.
8.4.7
Bus failures
In case one of the following bus failures is detected by the SBC the interrupt bit CAN BUS is set to “1” and an
interrupt is generated, if not masked. The CAN transceiver does not change the mode due to a detected bus
failure.
Bus Failures
•
CANH short to GND
•
CANH short to Vs
•
CANH short to Vcc
•
CANL short to GND
•
CANL short to Vs
•
CANL short to Vcc
A short of CANH to CANL is detected by the microcontroller as the signal sent on TxD is not received on RxD.
8.5
SPLIT Circuit
SPLIT circuitry is activated during CAN Normal and Receive Only Mode and de-activated (SPLIT pin high ohmic)
during CAN Wake Capable and OFF Modes. The SPLIT pin is used to stabilize the recessive common mode signal
in Normal Mode and RxD Only Mode. This is achieved with a stabilized voltage of 0.5 x
V
ccHSCAN typical at SPLIT.
A correct application of the SPLIT pin is shown in Figure 14. The SPLIT termination for the left and right nodes is
implemented with two 60
Ω resistors and one 10 nF capacitor. The center node in this example is a stub node and
the recommended value for the split resistances is 1.5 k
Ω.
t
Failure
Overtemp
t
ON
TxDCAN
Vdiff
t
Recessive
Dominant
VCC1µC
Overtemperature
GND
OFF
R
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com