Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 59Page - Infineon Technologies AG TLE8262E Datasheet HTML 60Page - Infineon Technologies AG TLE8262E Datasheet HTML 61Page - Infineon Technologies AG TLE8262E Datasheet HTML 62Page - Infineon Technologies AG TLE8262E Datasheet HTML 63Page - Infineon Technologies AG TLE8262E Datasheet HTML 64Page - Infineon Technologies AG TLE8262E Datasheet HTML 65Page - Infineon Technologies AG TLE8262E Datasheet HTML 66Page - Infineon Technologies AG TLE8262E Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
Data Sheet
63
Rev. 1.0, 2009-03-31
TLE8262E
Interrupt Function
The interrupt UV_Vcc2 that is generated by an under-voltage on
V
CC2 is shown in Figure 28. The interrupt is
sensitive on rising and falling event and the interrupt bit also shows the state of the device and function.
Figure 28
Interrupt VCC2 under-voltage.
The interrupt OT_Vcc2 that is generated by an over temperature on
V
CC2 is shown in Figure 29. The interrupt is
sensitive on rising event and the interrupt bit also shows the state of the device and function.
Figure 29
Interrupt Vcc2 Over Temperature.
Undervoltage
on Vcc2
INT pin
Conf. Select 000
Conf. Select 001
Conf. Select 002
INT bit
UV_VCC2
1
1
SPI DI programming
Read Only
Mode Select Bits 111
1
1
0
0
X
X
X
X
required
optional
X
X
X
X
Interrupt_UV_VCC2.vsd
Falling event(Vcc2 below limit), rising event (Vcc2
above Limit) as well as state is shown
Vcc2
1
1
X
X
X
X
required
optional
OT_VCC2
Overtemperature
on Vcc2
INT pin
Conf. Select 000
Conf. Select 001
Conf. Select 002
INT bit
OT_VCC2
1
1
SPI DI programming
Read Only
Mode Select Bits 111
1
1
0
0
X
X
X
X
required
optional
X
X
X
X
Interrupt_OT_VCC2.vsd
Rising event (apperance of overtemperature) is
shown, as well as the state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com