Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 67Page - Infineon Technologies AG TLE8262E Datasheet HTML 68Page - Infineon Technologies AG TLE8262E Datasheet HTML 69Page - Infineon Technologies AG TLE8262E Datasheet HTML 70Page - Infineon Technologies AG TLE8262E Datasheet HTML 71Page - Infineon Technologies AG TLE8262E Datasheet HTML 72Page - Infineon Technologies AG TLE8262E Datasheet HTML 73Page - Infineon Technologies AG TLE8262E Datasheet HTML 74Page - Infineon Technologies AG TLE8262E Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
Data Sheet
71
Rev. 1.0, 2009-03-31
TLE8262E
Serial Peripheral Interface
15
Serial Peripheral Interface
15.1
SPI Description
The 16-bit wide Control Input Word is read via the data input SDI, which is synchronized with the clock input CLK
supplied by the microcontroller. The output word appears synchronously at the data output SDO (see Figure 34).
The transmission cycle begins when the chip is selected by the input CSN (Chip Select Not), LOW active. After
the CSN input returns from LOW to HIGH, the word that has been read in becomes the new control word. The
SDO output switches to tri-state status (high impedance) at this point, thereby releasing the SDO bus for other use.
The state of SDI is shifted into the input register with every falling edge on CLK. The state of SDO is shifted out of
the output register after every rising edge on CLK. The number of received input clocks is supervised by a
modulo-16 operation and the Input / Control Word is discarded in case of a mismatch. This error is flagged in the
following SPI output by a “HIGH” at the data output (SDO pin, bit FO) before the first rising edge of the clock is
received. The SPI of the SBC is not daisy chain capable.
Figure 34
SPI Data Transfer Timing
15.2
Corrupted data in the SPI data input
When the microcontroller send a wrong SPI command to the SBC, the SBC ignores the information. Wrong SPI
command can be either a number of bits different of 16, the mode selection (MS2..0) = 000 or requesting to go to
an SBC mode which is not allowed by the state machine, for example from SBC Stop Mode to SBC SW Flash
Mode. In that case, an interrupt is generated (if not inhibited) and the bit SPI Fail is set. Since the SPI data is
corrupted, the next SPI output data will remain the former one (the information is then repeated).
0
0
+
1 2 3 4 5 6 7 8 9 10
15
1
+
0 1 2 3 4 5 6
11 12 13 14
7 8 9 10
15
FI
FI
-
CSN high to low: SDO is enabled. Status information transferred to output shift register
CSN low to high: data from shift register is transferred to output functions
SDI: will accept data on the falling edge of CLK signal
SDO: will change state on the rising edge of CLK signal
Actual status
11 12 13 14
Actual data
New data
New status
SDO
SDI
CSN
CLK
time
time
time
time
FO
FO
-
0
+
1
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com