Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 52Page - Infineon Technologies AG TLE8262E Datasheet HTML 53Page - Infineon Technologies AG TLE8262E Datasheet HTML 54Page - Infineon Technologies AG TLE8262E Datasheet HTML 55Page - Infineon Technologies AG TLE8262E Datasheet HTML 56Page - Infineon Technologies AG TLE8262E Datasheet HTML 57Page - Infineon Technologies AG TLE8262E Datasheet HTML 58Page - Infineon Technologies AG TLE8262E Datasheet HTML 59Page - Infineon Technologies AG TLE8262E Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 93 page
background image
Data Sheet
56
Rev. 1.0, 2009-03-31
TLE8262E
Supervision Functions
11.2.1
Time-out Watchdog
The Time-out Watchdog is an easier and less secure type of watchdog. Compared to the Window Watchdog there
is no closed window existing. The watchdog trigger can be done any time within the watchdog time.
A watchdog trigger is detected as a write access to the “WD Refresh” within the SPI control word. The bit needs
to be toggle (transition HIGH to LOW or LOW to HIGH) within the watchdog window. The trigger is accepted when
the CSN input becomes HIGH.
A correct watchdog trigger starts a new window. The period is selected via the Window Watchdog timing bit field
in the range of 16 ms to 1024 ms. For the safe trigger area the tolerance of the oscillator has to be taken into
consideration, so the safe trigger time is below 90% of the programmed Watchdog time. It is possible to refresh
the Watchdog with any SPI programming with the mode selection Normal, Stop, SW Flash or Read Only.
Should the trigger signal not meet the window, depending on the configuration, the SBC will go to SBC Restart
Mode or to Fail-Safe Mode. A watchdog reset is created by setting the reset output RO low. In config 1 and config
3 the watchdog starts again in Normal Mode with the default watchdog setting (256ms Time-out Watchdog). The
watchdog failure can be read at the bits RM0, RM1, LH0, LH1, LH2 via SPI.
11.2.2
Window Watchdog
A Watchdog trigger is detected as a write access to the “WD Refresh” within the SPI control word. The bit needs
to be toggle (transition HIGH to LOW or LOW to HIGH) in the open window. The trigger is accepted when the CSN
input becomes HIGH.
A correct Watchdog trigger results in starting the Window Watchdog by a closed window with a width of typically
50% of the selected Window Watchdog reset period. This period, selected via the Window Watchdog timing bit
field, is in the range of 16 ms to 1024 ms. This closed window is followed by an open window, with a width of typical
50% of the selected period. From now on, the microcontroller must serve the Watchdog by periodically toggling
the Watchdog bit. This bit toggling access must meet the open window. The tolerance of the oscillator has to be
taken into consideration, so the safe window to trigger the Watchdog is from 55% to 90% of the programmed
Window Watchdog time. It is possible to refresh the Watchdog with any SPI programming with the mode selection
Normal, Stop, SW Flash or Read Only. A correct Watchdog service immediately results in starting the next closed
window (see Figure 23, safe trigger area).
Should the trigger signal not meet the open window, depending on the configuration the SBC will go to SBC
Restart Mode or to Fail-Safe Mode. A watchdog reset is created by setting the reset output RO low (see
Figure 24). In config 1 and config 3 the watchdog starts again in Normal Mode with the default watchdog setting
(256ms Time-out Watchdog). The watchdog failure can be read at the bits RM0, RM1, LH0, LH1, LH2 via SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com