Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 60Page - Infineon Technologies AG TLE8262E Datasheet HTML 61Page - Infineon Technologies AG TLE8262E Datasheet HTML 62Page - Infineon Technologies AG TLE8262E Datasheet HTML 63Page - Infineon Technologies AG TLE8262E Datasheet HTML 64Page - Infineon Technologies AG TLE8262E Datasheet HTML 65Page - Infineon Technologies AG TLE8262E Datasheet HTML 66Page - Infineon Technologies AG TLE8262E Datasheet HTML 67Page - Infineon Technologies AG TLE8262E Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
Data Sheet
64
Rev. 1.0, 2009-03-31
TLE8262E
Interrupt Function
12.2
Interrupt Timing
Figure 30 illustrates the interrupt timing. The INT output is set LOW as soon as an interrupt condition occurs. The
INT pin is released after a SPI interrupt buffer read out command, that is performed with a Read Only command
(111) to register (000). In case consecutive interrupt sources are indicated before the SPI read out, only one INT
LOW will be raised but the SPI read out will indicate the interrupt sources. A time-out feature is implemented. The
INT pin can be active LOW only for the time
t
INTTO. Afterwards, the INT pin is released but the INT source is still
valid or present in the SPI register. Between two activations of the INT, there is at least a delay of tINTTO. If an
interrupt occurs in the meantime, the information is stored and the INT will go LOW after
t
INTO. The INT pulse width
is at minimum tINT.
Figure 30
Interrupt Timing
12.3
Interrupt Modes with SBC Modes
The interrupt function is possible only in SBC Normal and Stop Mode.
After an SBC Restart Mode, all interrupt sources are enabled.
12.4
Interrupt Application Information
By default, all interrupt sources are activated. Please refer to the dedicated chapter for the definition of the
interrupt.
The INT output is active for at least
t
INT, even if the corresponding interrupt register is read out immediately after
the interrupt event occurs.
If no SPI read is done after the interrupt is generated (INT pin low) the INT output becomes active (INT pin high)
again after
t
INTTO.
If two interrupt cases occur after each other and the SPI read (with read-only) is done after the second interrupt
case, both interrupt bits are cleared. Although the interrupt bits for both interrupt cases are cleared the second
interrupt will be issued by INT pin Low. This can lead to an interrupt where all interrupt bits are read as “0”.
interrupt source 1
interrupt source 2
INT output
t
t
t
inactive
active
inactive
active
SPI read out
t
INT TO
interupt timing.vsd
SPI read out
tINTTO
tINT
SPI read out
t
INTTO
tINTTO
SPI read out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com