Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 49Page - Infineon Technologies AG TLE8262E Datasheet HTML 50Page - Infineon Technologies AG TLE8262E Datasheet HTML 51Page - Infineon Technologies AG TLE8262E Datasheet HTML 52Page - Infineon Technologies AG TLE8262E Datasheet HTML 53Page - Infineon Technologies AG TLE8262E Datasheet HTML 54Page - Infineon Technologies AG TLE8262E Datasheet HTML 55Page - Infineon Technologies AG TLE8262E Datasheet HTML 56Page - Infineon Technologies AG TLE8262E Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
Data Sheet
53
Rev. 1.0, 2009-03-31
TLE8262E
LIN Transceiver
10.6.39
Duty Cycle D3
(for worst case at
10.4 kBit/s)
Low Slope Mode
t
duty3
0.417
–
–
LIN Low slope Mode;
duty cycle 32)
THRec(max) = 0.778 ×
V
S;
THDom(max) =0.616 ×
V
S;
V
S = 7.0 … 18 V;
tbit = 96µs;
D3 = tbus_rec(min)/2 tbit;
(LIN2.1 Param. 29)
10.6.40
Duty Cycle D4
(for worst case at
10.4 kBit/s)
Low Slope Mode
t
duty4
–
–
0.590
LIN Low slope Mode;
duty cycle 42)
THRec(min)= 0.389 ×
V
S;
THDom(min)= 0.251 ×
V
S
V
S = 7.6 … 18 V;
tbit = 96µs;
D4 = tbus_rec(max)/2 tbit;
(LIN2.1 Param. 30)
10.6.41
LIN Input Capacitance
15
pF
3)
1) LIN specification is defined between 6 V and 18 V only.
2) Bus load conditions concerning LIN spec 2.0 Cbus, Rbus = 1 nF, 1 kΩ / 6.8 nF, 660 Ω / 10 nF, 500 Ω
3) Not subject to production test, specified by design
10.6
Electrical Characteristics (cont’d)
V
S = 6 to 18 V
1); R
L = 500 Ω; Tj = -40 °C to +150 °C; all voltages with respect to ground; positive current flowing
into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit
Test condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com