Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 15Page - Infineon Technologies AG TLE8262E Datasheet HTML 16Page - Infineon Technologies AG TLE8262E Datasheet HTML 17Page - Infineon Technologies AG TLE8262E Datasheet HTML 18Page - Infineon Technologies AG TLE8262E Datasheet HTML 19Page - Infineon Technologies AG TLE8262E Datasheet HTML 20Page - Infineon Technologies AG TLE8262E Datasheet HTML 21Page - Infineon Technologies AG TLE8262E Datasheet HTML 22Page - Infineon Technologies AG TLE8262E Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 93 page
background image
Data Sheet
19
Rev. 1.0, 2009-03-31
TLE8262E
General Product Characteristics
5.4
Current Consumption
V
S = 5.5 V to 28 V; all outputs open; Without VCC3; Tj = -40 °C to +150 °C; all voltages with respect to ground;
positive current defined flowing into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
Normal Mode;
5.4.1
Current Consumption for
Internal Logic
I
VS_logic
––
2mA
SBC Normal Mode
I
CC1µC = ICC2 = 0mA;
CAN OFF mode;
LIN OFF mode
5.4.2
Additional current
Consumption for CAN Cell
I
VS_CAN
–
–
10
mA
CAN Normal Mode;
Recessive state;
V
CC2
connected to VCCHSCAN
V
TxD = Vcc1µC;
without
R
L
–
–
12
mA
CAN Normal Mode;
dominant state;
V
CC2
connected to
V
CCHSCAN
V
TxD = low;
without RL;
5.4.3
Additional Current
Consumption per LIN Cell
I
VS_LIN
–
–
3.0
mA
LIN Normal Mode;
recessive state;
without RL;
VTxD = Vcc1µC
–
–
5.0
mA
LIN Normal Mode;
dominant state;
without RL;
VTxD = low
Stop Mode
5.4.4
Current Consumption
IVS
–
58
75
µA
SBC Stop Mode;
Vs = 13.5 V;
VCC1µC“ON”;
VCC2/3“OFF”
CAN/LIN wake capable;
T
j = 25°C
65
85
T
j = 85°C
1)
–
70
90
µA
SBC Stop Mode;
Vs = 13.5 V;
VCC1µC/2“ON”;
VCC3“OFF”
CAN/LIN wake capable;
T
j = 25°C
–
78
100
T
j = 85°C
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com