Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 32Page - Infineon Technologies AG TLE8262E Datasheet HTML 33Page - Infineon Technologies AG TLE8262E Datasheet HTML 34Page - Infineon Technologies AG TLE8262E Datasheet HTML 35Page - Infineon Technologies AG TLE8262E Datasheet HTML 36Page - Infineon Technologies AG TLE8262E Datasheet HTML 37Page - Infineon Technologies AG TLE8262E Datasheet HTML 38Page - Infineon Technologies AG TLE8262E Datasheet HTML 39Page - Infineon Technologies AG TLE8262E Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
Data Sheet
36
Rev. 1.0, 2009-03-31
TLE8262E
High Speed CAN Transceiver
8.6
Electrical Characteristics
4.75 V <
V
ccHSCAN < 5.25 V; VS = 5.5 V to 28 V; RL = 60 Ω; CAN Normal Mode; Tj = -40 °C to +150 °C; all voltages
with respect to ground; positive current flowing into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.
CAN Bus Receiver
8.6.1
Differential Receiver
Threshold Voltage,
recessive to dominant
edge
V
diff,rd_N
–
0.80
0.90
V
V
diff = VCANH - VCANL
CAN Normal Mode
8.6.2
Differential Receiver
Threshold Voltage,
dominant to recessive
edge
V
diff,dr_N
0.50
0.60
–
V
V
diff = VCANH - VCANL
CAN Normal Mode
8.6.3
Common Mode Range
CMR
-12
–
12
V
–
8.6.4
Differential Receiver
Hysteresis
V
diff,hys_N –
110
–
mV
CAN Normal Mode
8.6.5
CANH, CANL Input
Resistance
R
i
10
20
30
k
Ω
Recessive state
8.6.6
Differential Input
Resistance
R
diff
20
40
60
k
Ω
Recessive state
8.6.7
Wake-up Receiver
Threshold Voltage,
recessive to dominant
edge
V
diff, rd_W
–
0.8
1.15
V
CAN Wake Capable Mode
8.6.8
Wake-up Receiver
Threshold Voltage,
dominant to recessive
edge
V
diff, dr_W
0.4
0.7
–
V
CAN Wake Capable Mode
8.6.9
Wake-up Receiver
Differential Receiver
Hysteresis
V
diff,
hys_W
–
120
–
mV
CAN Wake Capable Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com