Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 68Page - ATMEL Corporation AT89LP6440 Datasheet HTML 69Page - ATMEL Corporation AT89LP6440 Datasheet HTML 70Page - ATMEL Corporation AT89LP6440 Datasheet HTML 71Page - ATMEL Corporation AT89LP6440 Datasheet HTML 72Page - ATMEL Corporation AT89LP6440 Datasheet HTML 73Page - ATMEL Corporation AT89LP6440 Datasheet HTML 74Page - ATMEL Corporation AT89LP6440 Datasheet HTML 75Page - ATMEL Corporation AT89LP6440 Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 194 page
background image
72
3706A–MICRO–9/09
AT89LP6440 - Preliminary
to occur at a negative edge, positive edge, or both (toggle). Capture inputs are sampled every
clock cycle and a new value must be held for at least 2 clock cycles to be correctly sampled by
the device. The maximum achievable capture rate will be determined by how fast the software
can retrieve the captured data. There is no protection against capture events overrunning the
data register.
Capture events may also be triggered internally by the overflows of Timer 0 or Timer 1, or by an
event from the dual analog comparators. Any comparator event which can generate a compara-
tor interrupt may also be used as a capture event. However, Timer 2 should not be selected as
the comparator clock source when using the comparator as the capture trigger.
When the DAC output is enabled on P2.2 and P2.3, channels C and D cannot use their external
pin capture modes. However, those channels may still use the timer or comparator triggers to
capture data. The same applies for all four channels when Port 2 is used for the external mem-
ory interface.
13.2.1
Timer 2 Operation for Capture Mode
Capture channels are intended to work with Timer 2 in capture mode CP/RL2 =1. Captures can
still occur when Timer 2 operates in other modes; however, the full 16-bit count range may not
be available. The TF2 flag can be used to determine if the timer overflowed before the capture
occurred. If the timer is operating in dual-slope mode (CP/RL2 =0, T2CM
1-0 =1xB), the count
direction (Up = 0 and Down = 1) at the time of the event will be captured into the channel’s
CDIRx bit in CCCx. CTCx must be cleared to 0 for all channels if Timer 2 is operating in Baud
Rate mode or errors may occur in the serial communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com