Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 28Page - ATMEL Corporation AT89LP6440 Datasheet HTML 29Page - ATMEL Corporation AT89LP6440 Datasheet HTML 30Page - ATMEL Corporation AT89LP6440 Datasheet HTML 31Page - ATMEL Corporation AT89LP6440 Datasheet HTML 32Page - ATMEL Corporation AT89LP6440 Datasheet HTML 33Page - ATMEL Corporation AT89LP6440 Datasheet HTML 34Page - ATMEL Corporation AT89LP6440 Datasheet HTML 35Page - ATMEL Corporation AT89LP6440 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 194 page
background image
32
3706A–MICRO–9/09
AT89LP6440 - Preliminary
ing normal execution. Changes to CDV are synchronized such that the system clock will not
pass through intermediate frequencies. When CDV is updated, the new frequency will take
affect within a maximum period of 128 x t
OSC.
7.
Reset
During reset, all I/O Registers are set to their initial values, the port pins are tristated, and the
program starts execution from the Reset Vector, 0000H. The AT89LP6440 has five sources of
reset: power-on reset, brown-out reset, external reset, watchdog reset, and software reset.
7.1
Power-on Reset
A Power-on Reset (POR) is generated by an on-chip detection circuit. The detection level V
POR
is nominally 1.4V. The POR is activated whenever V
DD is below the detection level. The POR cir-
cuit can be used to trigger the start-up reset or to detect a supply voltage failure in devices
without a brown-out detector. The POR circuit ensures that the device is reset from power-on. A
power-on sequence is shown in Figure 7-1 on page 33. When V
DD reaches the Power-on Reset
threshold voltage V
POR, an initialization sequence lasting tPOR is started. When the initialization
sequence completes, the start-up timer determines how long the device is kept in POR after V
DD
rise. The POR signal is activated again, without any delay, when V
DD falls below the POR
threshold level. A Power-on Reset (i.e. a cold reset) will set the POF flag in PCON. The internally
Table 6-2.
CLKREG
– Clock Control Register
CLKREG = 8FH
Reset Value = 0000 0000B
Not Bit Addressable
TPS3TPS2TPS1TPS0
CDV2
CDV1
CDV0
COE
Bit
7
6
543
21
0
Symbol
Function
TPS[3-0]
Timer Prescaler. The Timer Prescaler selects the time base for Timer 0, Timer 1, Timer 2 and the Watchdog Timer. The
prescaler is implemented as a 4-bit binary down counter. When the counter reaches zero it is reloaded with the value
stored in the TPS bits to give a division ratio between 1 and 16. By default the timers will count every clock cycle (TPS =
0000B). To configure the timers to count at a standard 8051 rate of once every 12 clock cycles, TPS should be set to
1011B.
CDV[2-0]
System Clock Division. Determines the frequency of the system clock relative to the oscillator clock source.
CDIV2
CDIV1
CDIV0
System Clock Frequency
000fOSC/1
001f
OSC/2
010fOSC/4
011fOSC/8
100f
OSC/16
101fOSC/32
110f
OSC/64
111f
OSC/128
COE
Clock Out Enable. Set COE to output the system clock divided by 2 on XTAL2 (P4.1). The internal RC oscillator or
external clock source must be selected in order to use this feature and P4.1 must be configured as an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com