Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 70Page - ATMEL Corporation AT89LP6440 Datasheet HTML 71Page - ATMEL Corporation AT89LP6440 Datasheet HTML 72Page - ATMEL Corporation AT89LP6440 Datasheet HTML 73Page - ATMEL Corporation AT89LP6440 Datasheet HTML 74Page - ATMEL Corporation AT89LP6440 Datasheet HTML 75Page - ATMEL Corporation AT89LP6440 Datasheet HTML 76Page - ATMEL Corporation AT89LP6440 Datasheet HTML 77Page - ATMEL Corporation AT89LP6440 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 194 page
background image
74
3706A–MICRO–9/09
AT89LP6440 - Preliminary
13.3
Output Compare Mode
The Compare/Capture Array provides a variety of compare modes suitable for event timing or
waveform generation. CCA channels are configured for compare mode by setting the CCMx bit
in the associated CCCx register to 1. A compare event occurs when the 16-bit contents of a
channel’s data register match the contents of Timer 2 (TH2 and TL2). The compare event also
sets the channel’s interrupt flag CCFx in T2CCF and may optionally clear Timer 2 to 0000H if the
CTCx bit in CCCx is set. A diagram of a CCA channel in compare mode is shown in Figure 13-3.
Figure 13-3. CCA Compare Mode Diagram
13.3.1
Waveform Generation
Each CCA channel has an associated external compare output pin: CCA (P2.0), CCB (P2.1),
CCC (P2.2) and CCD (P2.3). The CxM
2-0 bits in CCCx determine what action is taken when a
compare event occurs. The output pin may be set to 1, cleared to 0 or toggled. Output actions
take place even if the interrupt is disabled; however, the associated I/O pin must be set to the
desired output mode before the compare event occurs. The state of the compare outputs are ini-
tialized to 1 by reset. Channels C and D cannot use their output pin when the DAC is enabled.
These channels may still be used to generate interrupts or to clear the timebase. The same
applies to all four channels when Port 2 is used for the external memory interface.
Multiple compare events per channel can occur within a single time period, provided that the
software has time to update the compare value before the timer reaches the next compare point.
In this case other interrupts should be disabled or the CCA interrupt given a higher priority in
order to ensure that the interrupt is serviced in time.
A wide range of waveform generation configurations are possible using the various operating
modes of Timer 2 and the CCA. Some example configurations are detailed below. Pulse width
modulation is a special case of output compare. See Section 13.4 on page 76 for more details of
PWM operation.
TL2
TH2
CCxL
CCxH
CCCx
Interrupt
CCx (P2.x)
T2CCC
T2CCL
shadow
00H
00H
CTCx
CCFx
CIENx
CxM2-0
=
T2CCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com