Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 7Page - ATMEL Corporation AT89LP6440 Datasheet HTML 8Page - ATMEL Corporation AT89LP6440 Datasheet HTML 9Page - ATMEL Corporation AT89LP6440 Datasheet HTML 10Page - ATMEL Corporation AT89LP6440 Datasheet HTML 11Page - ATMEL Corporation AT89LP6440 Datasheet HTML 12Page - ATMEL Corporation AT89LP6440 Datasheet HTML 13Page - ATMEL Corporation AT89LP6440 Datasheet HTML 14Page - ATMEL Corporation AT89LP6440 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 194 page
background image
11
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 3-1.
Program Memory Map
3.2
Internal Data Memory
The AT89LP6440 contains 256 bytes of general SRAM data memory plus 128 bytes of I/O
memory mapped into a single 8-bit address space. Access to the internal data memory does not
require any configuration. The internal data memory has three address spaces: DATA, IDATA
and SFR; as shown in Figure 3-2. Some portions of external data memory are also implemented
internally. See “External Data Memory” below for more information.
Figure 3-2.
Internal Data Memory Map
3.2.1
DATA
The first 128 bytes of RAM are directly addressable by an 8-bit address (00H–7FH) included in
the instruction. The lowest 32 bytes of DATA memory are grouped into 4 banks of 8 registers
each. The RS0 and RS1 bits (PSW.3 and PSW.4) select which register bank is in use. Instruc-
tions using register addressing will only access the currently specified bank. The lower 128 bit
addresses are also mapped into DATA addresses 20H—2FH.
Program Memory
0000
FFFF
0000
007F
User Signature Array
0100
01FF
Atmel Signature Array
SIGEN=0
SIGEN=1
AT89LP6440
FFH
UPPER
128
80H
7FH
LOWER
128
0
ACCESSIBLE
BY DIRECT
ADDRESSING
FFH
80H
ACCESSIBLE
BY DIRECT
AND INDIRECT
ADDRESSING
SPECIAL
FUNCTION
REGISTERS
PORTS
STATUS AND
CONTROL BITS
REGISTERS
STACK POINTER
ACCUMULATOR
(ETC.)
TIMERS
ACCESSIBLE
BY INDIRECT
ADDRESSING
ONLY
IDATA
SFR
DATA/IDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com