Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 46Page - ATMEL Corporation AT89LP6440 Datasheet HTML 47Page - ATMEL Corporation AT89LP6440 Datasheet HTML 48Page - ATMEL Corporation AT89LP6440 Datasheet HTML 49Page - ATMEL Corporation AT89LP6440 Datasheet HTML 50Page - ATMEL Corporation AT89LP6440 Datasheet HTML 51Page - ATMEL Corporation AT89LP6440 Datasheet HTML 52Page - ATMEL Corporation AT89LP6440 Datasheet HTML 53Page - ATMEL Corporation AT89LP6440 Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 194 page
background image
50
3706A–MICRO–9/09
AT89LP6440 - Preliminary
11. Enhanced Timer 0 and Timer 1 with PWM
The AT89LP6440 has two 16-bit Timer/Counters, Timer 0 and Timer 1, with the following
features:
• Two 16-bit timer/counters with 16-bit reload registers
• Two independent 8-bit precision PWM outputs with 8-bit prescalers
•UART or SPI baud rate generation using Timer 1
•Output pin toggle on timer overflow
• Split timer mode allows for three separate timers (2 8-bit, 1 16-bit)
•Gated modes allow timers to run/halt based on an external input
Timer 0 and Timer 1 have similar modes of operation. As timers, the timer registers increase
every clock cycle by default. Thus, the registers count clock cycles. Since a clock cycle consists
of one oscillator period, the count rate is equal to the oscillator frequency. The timer rate can be
prescaled by a value between 1 and 16 using the Timer Prescaler (see Table 6-2 on page 32).
Both Timers share the same prescaler.
As counters, the timer registers are incremented in response to a 1-to-0 transition at the corre-
sponding input pins, T0 or T1. The external input is sampled every clock cycle. When the
samples show a high in one cycle and a low in the next cycle, the count is incremented. The new
count value appears in the register during the cycle following the one in which the transition was
detected. Since 2 clock cycles are required to recognize a 1-to-0 transition, the maximum count
rate is 1/2 of the oscillator frequency. There are no restrictions on the duty cycle of the input sig-
nal, but it should be held for at least one full clock cycle to ensure that a given level is sampled at
least once before it changes.
Furthermore, the Timer or Counter functions for Timer 0 and Timer 1 have four operating modes:
variable width timer, 16-bit auto-reload timer, 8-bit auto-reload timer, and split timer. The control
bits C/T in the Special Function Register TMOD select the Timer or Counter function. The bit
pairs (M1, M0) in TMOD select the operating modes.
Table 11-1.
Timer 0/1 Register Summary
Name
Address
Purpose
Bit-Addressable
TCON
88H
Control
Y
TMOD
89H
Mode
N
TL0
8AH
Timer 0 low-byte
N
TL1
8BH
Timer 1 low-byte
N
TH0
8CH
Timer 0 high-byte
N
TH1
8DH
Timer 1 high-byte
N
TCONB
91H
Mode
N
RL0
92H
Timer 0 reload low-byte
N
RL1
93H
Timer 1 reload low-byte
N
RH0
94H
Timer 0 reload high-byte
N
RH1
95H
Timer 1 reload high-byte
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com