Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 2Page - ATMEL Corporation AT89LP6440 Datasheet HTML 3Page - ATMEL Corporation AT89LP6440 Datasheet HTML 4Page - ATMEL Corporation AT89LP6440 Datasheet HTML 5Page - ATMEL Corporation AT89LP6440 Datasheet HTML 6Page - ATMEL Corporation AT89LP6440 Datasheet HTML 7Page - ATMEL Corporation AT89LP6440 Datasheet HTML 8Page - ATMEL Corporation AT89LP6440 Datasheet HTML 9Page - ATMEL Corporation AT89LP6440 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 194 page
background image
6
3706A–MICRO–9/09
AT89LP6440 - Preliminary
2.
Overview
The AT89LP6440 is a low-power, high-performance CMOS 8-bit microcontroller with 64K bytes
of In-System Programmable Flash program memory and 8K bytes of Flash data memory. The
device is manufactured using Atmel
®'s high-density nonvolatile memory technology and is com-
patible with the industry-standard 8051 instruction set. The AT89LP6440 is built around an
enhanced CPU core that can fetch a single byte from memory every clock cycle. In the classic
8051 architecture, each fetch requires 6 clock cycles, forcing instructions to execute in 12, 24 or
48 clock cycles. In the AT89LP6440 CPU, standard instructions need only 1 to 4 clock cycles
providing 6 to 12 times more throughput than the standard 8051. Seventy percent of instructions
need only as many clock cycles as they have bytes to execute, and most of the remaining
instructions require only one additional clock. The enhanced CPU core is capable of 20 MIPS
throughput whereas the classic 8051 CPU can deliver only 4 MIPS at the same current con-
sumption. Conversely, at the same throughput as the classic 8051, the new CPU core runs at a
much lower speed and thereby greatly reducing power consumption and EMI.
The AT89LP6440 provides the following standard features: 64K bytes of In-System Programma-
ble Flash program memory, 8K bytes of Flash data memory, 4352 bytes of RAM, up to 38 I/O
lines, three 16-bit timer/counters, up to six PWM outputs, a programmable watchdog timer, two
analog comparators, a 10-bit ADC/DAC with 8 input channels, a full-duplex serial port, a serial
peripheral interface, a two-wire serial interface, an internal RC oscillator, on-chip crystal oscilla-
tor, and a four-level, twelve-vector interrupt system. A block diagram is shown in Figure 2-1.
35
41
37
35
P0.2
I/O
O
I
P0.2: User-configurable I/O Port 0 bit 2.
AD2: External memory interface Address/Data bit 2.
ADC2: ADC analog input 2.
36
42
38
36
P0.1
I/O
O
I
P0.1: User-configurable I/O Port 0 bit 1.
AD1: External memory interface Address/Data bit 1.
ADC1: ADC analog input 1.
37
43
39
37
P0.0
I/O
O
I
P0.0: User-configurable I/O Port 0 bit 0.
AD0: External memory interface Address/Data bit 0.
ADC0: ADC analog input 0.
38
44
40
38
AVDD
I
Analog Supply Voltage
39
1
39
VDD
I
Supply Voltage
40
2
1
40
P1.0
I/O
I/O
I
P1.0: User-configurable I/O Port 1 bit 0.
T2: Timer 2 External Input or Clock Output.
GPI0: General-purpose Interrupt input 0.
41
3
2
41
P1.1
I/O
I
I
P1.1: User-configurable I/O Port 1 bit 1.
T2EX: Timer 2 External Capture/Reload Input.
GPI1: General-purpose Interrupt input 1
42
4
3
42
P1.2
I/O
I
P1.2: User-configurable I/O Port 1 bit 2.
GPI2: General-purpose Interrupt input 2.
43
5
4
43
P1.3
I/O
I
P1.3: User-configurable I/O Port 1 bit 3.
GPI3: General-purpose Interrupt input 3.
44
6
5
44
P1.4
I/O
I
I
P1.4: User-configurable I/O Port 1 bit 4.
SS: SPI Slave-Select.
GPI6: General-purpose Interrupt input 4.
Table 1-1.
AT89LP6440 Pin Description
Pin Number
Symbol
Type
Description
TQFP
PLCC
PDIP
VQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com