Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 36Page - ATMEL Corporation AT89LP6440 Datasheet HTML 37Page - ATMEL Corporation AT89LP6440 Datasheet HTML 38Page - ATMEL Corporation AT89LP6440 Datasheet HTML 39Page - ATMEL Corporation AT89LP6440 Datasheet HTML 40Page - ATMEL Corporation AT89LP6440 Datasheet HTML 41Page - ATMEL Corporation AT89LP6440 Datasheet HTML 42Page - ATMEL Corporation AT89LP6440 Datasheet HTML 43Page - ATMEL Corporation AT89LP6440 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 194 page
background image
40
3706A–MICRO–9/09
AT89LP6440 - Preliminary
9.1
Interrupt Response Time
The interrupt flags may be set by their hardware in any clock cycle. The interrupt controller polls
the flags in the last clock cycle of the instruction in progress. If one of the flags was set in the
preceding cycle, the polling cycle will find it and the interrupt system will generate an LCALL to
the appropriate service routine as the next instruction, provided that the interrupt is not blocked
by any of the following conditions: an interrupt of equal or higher priority level is already in prog-
ress; the instruction in progress is RETI or any write to the IE, IP, IPH, IE2, IP2 or IP2H registers;
the CPU is currently forced into idle by an IAP or FDATA write. Each of these conditions will
block the generation of the LCALL to the interrupt service routine. The second condition ensures
that if the instruction in progress is RETI or any access to IE, IP, IPH, IE2, IP2 or IP2H, then at
least one more instruction will be executed before any interrupt is vectored to. The polling cycle
is repeated at the last cycle of each instruction, and the values polled are the values that were
present at the previous clock cycle. If an active interrupt flag is not being serviced because of
one of the above conditions and is no longer active when the blocking condition is removed, the
denied interrupt will not be serviced. In other words, the fact that the interrupt flag was once
active but not serviced is not remembered. Every polling cycle is new.
If a request is active and conditions are met for it to be acknowledged, a hardware subroutine
call to the requested service routine will be the next instruction executed. The call itself takes
four cycles. Thus, a minimum of five complete clock cycles elapsed between activation of an
interrupt request and the beginning of execution of the first instruction of the service routine. A
longer response time results if the request is blocked by one of the previously listed conditions. If
an interrupt of equal or higher priority level is already in progress, the additional wait time
depends on the nature of the other interrupt's service routine. If the instruction in progress is not
in its final clock cycle, the additional wait time cannot be more than 8 cycles, since the longest
instruction is 9 cycles long. If the instruction in progress is RETI with XSTK, the additional wait
time cannot be more than 14 cycles (a maximum of 5 more cycles to complete the instruction in
progress, plus a maximum of 9 cycles to complete the next instruction). Thus, in a single-inter-
Table 9-1.
Interrupt Vector Addresses
Interrupt
Source
Vector Address
System Reset
RST or POR or BOD
0000H
External Interrupt 0
IE0
0003H
Timer 0 Overflow
TF0
000BH
External Interrupt 1
IE1
0013H
Timer 1 Overflow
TF1
001BH
Serial Port Interrupt
RI or TI
0023H
Timer 2 Interrupt
TF2 or EXF2
002BH
Analog Comparator Interrupt
CFA or CFB
0033H
General-purpose Interrupt
GPIF
7-0
003BH
Compare/Capture Array Interrupt
T2CCF3-0
0043H
Serial Peripheral Interface Interrupt
SPIF or MODF or TXE
004BH
ADC Interrupt
ADIF
0053H
Two-Wire Interface Interrupt
TWIF
005BH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com