Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 38Page - ATMEL Corporation AT89LP6440 Datasheet HTML 39Page - ATMEL Corporation AT89LP6440 Datasheet HTML 40Page - ATMEL Corporation AT89LP6440 Datasheet HTML 41Page - ATMEL Corporation AT89LP6440 Datasheet HTML 42Page - ATMEL Corporation AT89LP6440 Datasheet HTML 43Page - ATMEL Corporation AT89LP6440 Datasheet HTML 44Page - ATMEL Corporation AT89LP6440 Datasheet HTML 45Page - ATMEL Corporation AT89LP6440 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 194 page
background image
42
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Table 9-3.
IE2 – Interrupt Enable 2 Register
IE = B4H
Reset Value = xxxx x000B
Not Bit Addressable
–
–
–
ETWI
EADC
ESPI
ECC
EGP
Bit
7
6
543
21
0
Symbol
Function
ETWI
Two-Wire Interface Interrupt Enable
EADC
ADC Interrupt Enable
ESPI
Serial Peripheral Interface Interrupt Enable
ECC
Compare/Capture Array Interrupt Enable
EGP
General-purpose Interrupt Enable
Table 9-4.
IP – Interrupt Priority Register
IP = B8H
Reset Value = 0000 0000B
Bit Addressable
IP0D
PC
PT2
PS
PT1
PX1
PT0
PX0
Bit
7
6
543
21
0
Symbol
Function
IP0D
Interrupt Priority 0 Disable. Set IP0D to 1 to disable all interrupts with priority level zero. Clear to 0 to enable all interrupts
with priority level zero when EA = 1.
PC
Comparator Interrupt Priority Low
PT2
Timer 2 Interrupt Priority Low
PSSerial Port Interrupt Priority Low
PT1
Timer 1 Interrupt Priority Low
PX1
External Interrupt 1 Priority Low
PT0
Timer 0 Interrupt Priority Low
PX0
External Interrupt 0 Priority Low
Table 9-5.
IP2 – Interrupt Priority 2 Register
IP = B5H
Reset Value = 0xxx x000B
No Bit Addressable
IP2D
–
–
PTWI
PADC
PSPPCC
PGP
Bit
7
6
543
21
0
Symbol
Function
IP2D
Interrupt Priority 2 Disable. Set IP2D to 1 to disable all interrupts with priority level two. Clear to 0 to enable all interrupts
with priority level two when EA = 1.
PTWI
Two-wire Interface Interrupt Priority Low
PADC
ADC Interrupt Priority Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com