Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 75Page - ATMEL Corporation AT89LP6440 Datasheet HTML 76Page - ATMEL Corporation AT89LP6440 Datasheet HTML 77Page - ATMEL Corporation AT89LP6440 Datasheet HTML 78Page - ATMEL Corporation AT89LP6440 Datasheet HTML 79Page - ATMEL Corporation AT89LP6440 Datasheet HTML 80Page - ATMEL Corporation AT89LP6440 Datasheet HTML 81Page - ATMEL Corporation AT89LP6440 Datasheet HTML 82Page - ATMEL Corporation AT89LP6440 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 194 page
background image
79
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 13-10. Phase and Frequency Correct Symmetrical (Center-Aligned) PWM
Figure 13-11. Phase Correct Symmetrical (Center-Aligned) PWM
13.4.3
Multi-Phasic PWM
The PWM channels may be configured to provide multi-phasic alternating outputs by the PHS
2-0
bits in T2MOD. The AT89LP6440 provides 1 out of 2, 1 out of 3, 1 out of 4 and 2 out of 4 phase
modes (See Table 13-6). In Multi-phasic mode the PWM outputs on CCA, CCB, CCC and CCD
are connected to a one-hot shift register that selectively enables and disables the outputs (See
Figure 13-12). Compare points on disabled channels are blocked from toggling the output as if
the compare value was set equal to TOP. The PHSD bit in T2MOD controls the direction of the
shift register. Example waveforms are shown in Figure 13-14 on page 81. In order to use multi-
phasic PWM, the associated channels must be configured for PWM operation. Non-PWM chan-
nels are not affected by multi-phasic operation. However, their locations in the shift register are
maintained such that some periods in the PWM outputs may not have any pulses as shown in
Figure 13-13.
The PHS
2-0 bits may only be modified when the timer is not operational (TR2 = 0). Updates to
PHSD are allowed at any time. Note that channels C and D in 1:2 phase mode and channel D in
1:3 phase mode operate normally.
{RCAP2H,RCA2L}
CP/RL2 = 0, T2CM1-0 = 10B, DCEN = 0
Inverted
{CCxH,CCxL}
Non-Inverted
CCx
Duty Cycle Updated
{RCAP2H,RCA2L}
CP/RL2 = 0, T2CM1-0 = 11B, DCEN = 0
Inverted
{CCxH,CCxL}
Non-Inverted
CCx
Duty Cycle Updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com