Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 57Page - ATMEL Corporation AT89LP6440 Datasheet HTML 58Page - ATMEL Corporation AT89LP6440 Datasheet HTML 59Page - ATMEL Corporation AT89LP6440 Datasheet HTML 60Page - ATMEL Corporation AT89LP6440 Datasheet HTML 61Page - ATMEL Corporation AT89LP6440 Datasheet HTML 62Page - ATMEL Corporation AT89LP6440 Datasheet HTML 63Page - ATMEL Corporation AT89LP6440 Datasheet HTML 64Page - ATMEL Corporation AT89LP6440 Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 194 page
background image
61
3706A–MICRO–9/09
AT89LP6440 - Preliminary
12.2
Capture Mode
In the Capture mode, Timer 2 is a fixed 16-bit timer or counter that counts up from MIN to MAX.
An overflow from MAX to MIN sets bit TF2 in T2CON. If EXEN2 = 1, a 1-to-0 transition at exter-
nal input T2EX also causes the current value in TH2 and TL2 to be captured into RCAP2H and
RCAP2L, respectively. In addition, the transition at T2EX causes bit EXF2 in T2CON to be set.
The EXF2 and TF2 bits can generate an interrupt. Capture mode is illustrated in Figure 12-1.
The Timer 2 overflow rate in Capture mode is given by the following equation:
PHS [2-0]
CCA Phase Mode. PWM channels may be grouped by 2, 3 or 4 such that only one channel in a group produces a pulse
in any one period. The PHS[2-0] bits may only be written when the timer is not active, i.e. TR2 = 0.
PHS2
PHS1
PHS0
Phase Mode
000Disabled, all channels active
0012-phase output on channels A & B
0103-phase output on channels A, B & C
0114-phase output on channels A, B, C & D
100Dual 2-phase output on channels A & B and C & D
101reserved
110reserved
111reserved
T2CM
[1-0]
Timer 2 Count Mode.
T2CM1
T2CM0
Count Mode
00
Standard Timer 2 (up count:
)
0
1
Clear on RCAP compare (up count:
)
10Dual-slope with single update (up-down count:
)
11Dual-slope with double update (up-down count:
)
T2OE
Timer 2 Output Enable. When T2OE = 1 and C/T2 = 0, the T2 pin will toggle after every Timer 2 overflow.
DCEN
Timer 2 Down Count Enable. When Timer 2 operates in Auto-Reload mode and EXEN2 = 1, setting DCEN = 1 will cause
Timer 2 to count up or down depending on the state of T2EX.
Symbol
Function
BOTTOM
MAX
→
MIN
TOP
→
MIN
TOP
MIN
→→
MIN
TOP
MIN
→→
Capture Mode:
Time-out Period
65536
Oscillator Frequency
-------------------------------------------------------
TPS
1
+
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com