Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 83Page - ATMEL Corporation AT89LP6440 Datasheet HTML 84Page - ATMEL Corporation AT89LP6440 Datasheet HTML 85Page - ATMEL Corporation AT89LP6440 Datasheet HTML 86Page - ATMEL Corporation AT89LP6440 Datasheet HTML 87Page - ATMEL Corporation AT89LP6440 Datasheet HTML 88Page - ATMEL Corporation AT89LP6440 Datasheet HTML 89Page - ATMEL Corporation AT89LP6440 Datasheet HTML 90Page - ATMEL Corporation AT89LP6440 Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 194 page
background image
87
3706A–MICRO–9/09
AT89LP6440 - Preliminary
16.2.2
Using Timer 2 to Generate Baud Rates
Timer 2 is selected as the baud rate generator by setting TCLK and/or RCLK in T2CON. Under
these conditions, the baud rates for transmit and receive can be simultaneously different by
using Timer 1 for transmit and Timer 2 for receive, or vice versa. The baud rate generator mode
is similar to the auto-reload mode, in that a rollover causes the Timer 2 registers to be reloaded
with the 16-bit value in registers RCAP2H and RCAP2L, which are preset by software. In this
case, the baud rates in Modes 1 and 3 are determined by Timer 2’s overflow rate according to
the following equation:.
Table 16-3 lists commonly used baud rates and how they can be obtained from Timer 2.
Table 16-2.
Commonly Used Baud Rates Generated by Timer 1 (TPS = 0000B)
Baud Rate
f
OSC (MHz)
SMOD1
Timer 1
C/T
Mode
Reload Value
Mode 0: 1 MHz
4
0
X
X
X
Mode 2: 750K
12
1
X
X
X
62.5K
12
1
0
2
F4H
38.4K
11.059
0
0
2
F7H
19.2K
11.059
1
0
2
DCH
9.6K
11.059
0
0
2
DCH
4.8K
11.059
0
0
2
B8H
2.4K
11.059
0
0
2
70H
1.2K
11.059
0
0
1
FEE0H
137.5
11.9860
0
1
F55CH
110
6
0
0
1
F958H
110
12
0
0
1
F304H
Table 16-3.
Commonly Used Baud Rates Generated by Timer 2 (TPS = 0000B)
Baud Rate
f
OSC (MHz)
Timer 2
CP/RL2
C/T2
TCLK or RCLK
Reload Value
62.5K
12
0
0
1
FFF4H
19.2K
11.059
0
0
1
FFDCH
9.6K
11.059
0
0
1
FFB8H
4.8K
11.059
0
0
1
FF70H
2.4K
11.059
0
0
1
FEE0H
1.2K
11.059
0
0
1
FDC0H
137.5
11.986
0
0
1
EAB8H
110
6
0
0
1
F2AFH
110
12
0
0
1
E55EH
Modes 1 and 3
Baud Rate
1
16
------
Oscillator Frequency
65536
RCAP2H,RCAP2L
()
–
[]
---------------------------------------------------------------------------------
1
TPS
1
+
---------------------
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com