Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 86Page - ATMEL Corporation AT89LP6440 Datasheet HTML 87Page - ATMEL Corporation AT89LP6440 Datasheet HTML 88Page - ATMEL Corporation AT89LP6440 Datasheet HTML 89Page - ATMEL Corporation AT89LP6440 Datasheet HTML 90Page - ATMEL Corporation AT89LP6440 Datasheet HTML 91Page - ATMEL Corporation AT89LP6440 Datasheet HTML 92Page - ATMEL Corporation AT89LP6440 Datasheet HTML 93Page - ATMEL Corporation AT89LP6440 Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 194 page
background image
90
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 16-2. Mode 0 Waveforms
Mode 0 may be used as a hardware accelerator for software emulation of serial interfaces such
as a half-duplex Serial Peripheral Interface (SPI) in mode (0,0) or (1,1) or a Two-Wire Interface
(TWI) in master mode. An example of Mode 0 emulating a TWI master device is shown in Figure
16-3. In this example, the start, stop, and acknowledge are handled in software while the byte
transmission is done in hardware. Falling/rising edges on TXD are created by setting/clearing
SM2. Rising/falling edges on RXD are forced by setting/clearing the P3.0 register bit. SM2 and
P3.0 must be 1 while the byte is being transferred.
Figure 16-3. UART Mode 0 TWI Emulation (SMOD1 = 1)
Mode 0 transfers data LSB first whereas SPI or TWI are generally MSB first. Emulation of these
interfaces may require bit reversal of the transferred data bytes. The following code example
reverses the bits in the accumulator:
EX:
MOV
R7, #8
REVRS: RLC
A
; C << msb(ACC)
XCH
A, R6
RRC
A
; msb(ACC) >> B
XCH
A, R6
DJNZ R7, REVRS
7
RXD (TX)
TXD
6
5
4
3
2
1
0
RXD (RX)
01234567
7
RXD (TX)
TXD
6
5
4
3
2
1
0
RXD (RX)
01234567
7
RXD (TX)
TXD
6
5
4
3
2
1
0
RXD (RX)
01234567
7
RXD (TX)
TXD
6
5
4
3
2
1
0
RXD (RX)
01234567
SMOD1 = 0
SM2 = 0
SMOD1 = 1
SM2 = 0
SMOD1 = 0
SM2 = 1
SMOD1 = 1
SM2 = 1
7
(SDA) RXD
(SCL) TXD
6
5
4
3
2
1
0
ACK
SM2
P3.0
Write to SBUF
TI
Sample ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com