Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 80 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 76Page - ATMEL Corporation AT89LP6440 Datasheet HTML 77Page - ATMEL Corporation AT89LP6440 Datasheet HTML 78Page - ATMEL Corporation AT89LP6440 Datasheet HTML 79Page - ATMEL Corporation AT89LP6440 Datasheet HTML 80Page - ATMEL Corporation AT89LP6440 Datasheet HTML 81Page - ATMEL Corporation AT89LP6440 Datasheet HTML 82Page - ATMEL Corporation AT89LP6440 Datasheet HTML 83Page - ATMEL Corporation AT89LP6440 Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 194 page
background image
80
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 13-12. Multi-Phasic PWM Output Stage
Figure 13-13. Three-Phase Mode with Channel B Disabled
Table 13-6.
Summary of Multi-Phasic Modes
PHS
2-0
Mode
Behavior
PHSD = 0
PHSD = 1
000
Off
Normal Operation (all channels active at all times)
001
1:2
010
1:3
011
1:4
100
2:4
ABAB
→→→
BABA
→→→
AB
CABC
→→ →→→
CBACBA
→→→ → →
ABCDABCD
→→ → →→→ →
DCBADCBA
→ →→→ → → →
ABA
B
→→→
CDC
D
→→ →
BAB
A
→→→
DCD
C
→→ →
CCA
EN
1
CCB
EN
0
CCC
EN
1
CCD
EN
1
PHS = 001B
CCA
EN
1
CCB
EN
0
CCC
EN
0
CCD
EN
1
PHS = 010B
CCA
EN
1
CCB
EN
0
CCC
EN
0
CCD
EN
0
PHS = 011B
CCA
EN
1
CCB
EN
0
CCC
EN
1
CCD
EN
0
PHS = 100B
CCA
CCB
CCC
PHSD
PHS = 010B, CCB disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com