Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89LP6440 Datasheet HTML 1Page - ATMEL Corporation AT89LP6440 Datasheet HTML 2Page - ATMEL Corporation AT89LP6440 Datasheet HTML 3Page - ATMEL Corporation AT89LP6440 Datasheet HTML 4Page - ATMEL Corporation AT89LP6440 Datasheet HTML 5Page - ATMEL Corporation AT89LP6440 Datasheet HTML 6Page - ATMEL Corporation AT89LP6440 Datasheet HTML 7Page - ATMEL Corporation AT89LP6440 Datasheet HTML 8Page - ATMEL Corporation AT89LP6440 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 194 page
background image
Features
• 8-bit Microcontroller Compatible with MCS®51 Products
Enhanced 8051 Architecture
– Single-clock Cycle per Byte Fetch
– Up to 20 MIPS Throughput at 20 MHz Clock Frequency
– Fully Static Operation: 0 Hz to 20 MHz
– On-chip 2-cycle Hardware Multiplier
– 16x16 Multiply–Accumulate Unit
– 256x8 Internal RAM
– 4096x8 Internal Extra RAM
– Dual Data Pointers
– 4-level Interrupt Priority
Nonvolatile Program and Data Memory
– 64K Bytes of In-System Programmable (ISP) Flash Program Memory
– 8K Bytes of Flash Data Memory
– Endurance: Minimum 100,000 Write/Erase Cycles
– Serial Interface for Program Downloading
– 64-byte Fast Page Programming Mode
– 256-Byte User Signature Array
– 2-level Program Memory Lock for Software Security
– In-Application Programming of Program Memory
Peripheral Features
– Three 16-bit Enhanced Timer/Counters
– Two 8-bit PWM Outputs
– 4-Channel 16-bit Compare/Capture/PWM Array
– Enhanced UART with Automatic Address Recognition and Framing
Error Detection
– Enhanced Master/Slave SPI with Double-buffered Send/Receive
– Master/Slave Two-Wire Serial Interface
– Programmable Watchdog Timer with Software Reset
– Dual Analog Comparators with Selectable Interrupts and Debouncing
– 8-channel 10-bit ADC/DAC
– 8 General-purpose Interrupt Pins
Special Microcontroller Features
– Two-wire On-chip Debug Interface
– Brown-out Detection and Power-on Reset with Power-off Flag
– Active-low External Reset Pin
– Internal RC Oscillator
– Low Power Idle and Power-down Modes
– Interrupt Recovery from Power-down Mode
I/O and Packages
– Up to 38 Programmable I/O Lines
– 40-lead PDIP or 44-lead TQFP/PLCC or 44-pad VQFN/MLF
– Configurable I/O Modes
• Quasi-bidirectional (80C51 Style)
• Input-Only (Tristate)
• Push-pull CMOS Output
• Open-drain
Operating Conditions
– 2.4V to 3.6V V
DD Voltage Range
–-40
° C to 85°C Temperature Range
– 0 to 20 MHz @ 2.4–3.6V
8-bit
Microcontroller
with 64K Bytes
In-System
Programmable
Flash
AT89LP6440 -
Preliminary
3706A–MICRO–9/09


Similar Part No. - AT89LP6440

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP6440 ATMEL-AT89LP6440_14 Datasheet
5Mb / 200P
8-bit Microcontroller Compatible with MCS51 Products
More results

Similar Description - AT89LP6440

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64 Datasheet
190Kb / 20P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_06 Datasheet
297Kb / 23P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644 ATMEL-ATMEGA644_07 Datasheet
335Kb / 22P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64_0610 ATMEL-ATMEGA64_0610 Datasheet
3Mb / 393P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
8-bit Microcontroller with 64K Bytes In- System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_09 Datasheet
659Kb / 25P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_09 Datasheet
618Kb / 21P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_1 Datasheet
8Mb / 392P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com