Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 71Page - ATMEL Corporation AT89LP6440 Datasheet HTML 72Page - ATMEL Corporation AT89LP6440 Datasheet HTML 73Page - ATMEL Corporation AT89LP6440 Datasheet HTML 74Page - ATMEL Corporation AT89LP6440 Datasheet HTML 75Page - ATMEL Corporation AT89LP6440 Datasheet HTML 76Page - ATMEL Corporation AT89LP6440 Datasheet HTML 77Page - ATMEL Corporation AT89LP6440 Datasheet HTML 78Page - ATMEL Corporation AT89LP6440 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 194 page
background image
75
3706A–MICRO–9/09
AT89LP6440 - Preliminary
13.3.1.1
Normal Mode
The simplest waveform mode is when CP/RL2 =0 and T2CM1-0 = 01B. In this mode the fre-
quency of the output is determined by the TOP value stored in RCAP2L and RCAP2H and
output edges occur at fractions of the timer period. Figure 13-4 shows an example of outputting
two waveforms of the same frequency but different phase by using the toggle on match action.
More complex waveforms are achieved by changing the TOP value and the compare values
more frequently.
Figure 13-4. Normal Mode Waveform Example
13.3.1.2
Clear-Timer-on-Compare Mode
Clear-Timer-on-Compare (CTC) mode occurs when the CTCx bit of a compare channel is set to
one. CTC Mode works best when Timer 2 is in capture mode (CP/RL2 =1) to allow the full range
of compare values. In CTC Mode the compare value defines the interval between output events
because the timer is cleared after every compare match. Figure 13-5 shows an example wave-
form using the toggle on match action in CTC Mode.
Figure 13-5. CTC Mode Waveform Example
13.3.1.3
Dual-Slope Mode
The dual-slope mode occurs when CP/RL2 =0 and T2CM
1-0 = 1xB. In this mode the frequency
of the output is determined by the TOP value stored in RCAP2L and RCAP2H and output edges
occur at fractions of the timer period on both the up and down count. Figure 13-6 shows an
example of outputting two symmetrical waveforms using the toggle on match action. More com-
plex waveforms are achieved by changing the TOP value and the compare values more
frequently.
{RCAP2H,RCA2L}
CP/RL2 = 0, T2CM1-0 = 01B, DCEN = 0
CCA
{CCAH,CCAL}
{CCBH,CCBL}
CCB
CP/RL2 = 1
CCA
{CCAH,CCAL}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com