Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 22Page - ATMEL Corporation AT89LP6440 Datasheet HTML 23Page - ATMEL Corporation AT89LP6440 Datasheet HTML 24Page - ATMEL Corporation AT89LP6440 Datasheet HTML 25Page - ATMEL Corporation AT89LP6440 Datasheet HTML 26Page - ATMEL Corporation AT89LP6440 Datasheet HTML 27Page - ATMEL Corporation AT89LP6440 Datasheet HTML 28Page - ATMEL Corporation AT89LP6440 Datasheet HTML 29Page - ATMEL Corporation AT89LP6440 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 194 page
background image
26
3706A–MICRO–9/09
AT89LP6440 - Preliminary
A summary of data pointer instructions with fast context switching is listed inTable 5-2.
5.2.1
Data Pointer Update
The Dual Data Pointers on the AT89LP6440 include two features that control how the data
pointers are updated. The data pointer decrement bits, DPD1 and DPD0 in DPCF, configure the
INC DPTR instruction to act as DEC DPTR. The resulting operation will depend on DPS as
shown in Table 5-3.
The data pointer update bits, DPU1 and DPU0, allow MOVX @DPTR and MOVC @DPTR
instructions to update the selected data pointer automatically in a post-increment or post-decre-
ment fashion. The direction of update depends on the DPD1 and DPD0 bits as shown in Table
5-4.
Table 5-2.
Data Pointer Instructions
Instruction
Operation
DPS = 0
DPS = 1
JMP @A+DPTR
JMP @A+DPTR0
JMP @A+DPTR1
MOV DPTR, #data16
MOV DPTR0, #data16
MOV DPTR1, #data16
MOV /DPTR, #data16
MOV DPTR1, #data16
MOV DPTR0, #data16
INC DPTR
INC DPTR0
INC DPTR1
INC /DPTR
INC DPTR1
INC DPTR0
MOVC A,@A+DPTR
MOVC A,@A+DPTR0
MOVC A,@A+DPTR1
MOVC A,@A+/DPTR
MOVC A,@A+DPTR1
MOVC A,@A+DPTR0
MOVX A,@DPTR
MOVX A,@DPTR0
MOVX A,@DPTR1
MOVX A,@/DPTR
MOVX A,@DPTR1
MOVX A,@DPTR0
MOVX @DPTR, A
MOVX @DPTR0, A
MOVX @DPTR1, A
MOVX @/DPTR, A
MOVX @DPTR1, A
MOVX @DPTR0, A
Table 5-3.
Data Pointer Decrement Behavior
DPD1
DPD0
Equivalent Operation for INC DPTR and INC /DPTR
DPS = 0
DPS = 1
INC DPTR
INC /DPTR
INC DPTR
INC /DPTR
0
0
INC DPTR0
INC DPTR1
INC DPTR1
INC DPTR0
0
1
DEC DPTR0
INC DPTR1
INC DPTR1
DEC DPTR0
1
0
INC DPTR0
DEC DPTR1
DEC DPTR1
INC DPTR0
1
1
DEC DPTR0
DEC DPTR1
DEC DPTR1
DEC DPTR0
Table 5-4.
Data Pointer Auto-Update
DPD1
DPD0
Update Operation for MOVX and MOVC (DPU1 = 1 & DPU0 = 1)
DPS = 0
DPS = 1
DPTR
/DPTR
DPTR
/DPTR
0
0
DPTR0++
DPTR1++
DPTR1++
DPTR0++
0
1
DPTR0--
DPTR1++
DPTR1++
DPTR0--
1
0
DPTR0++
DPTR1--
DPTR1--
DPTR0++
1
1
DPTR0--
DPTR1--
DPTR1--
DPTR0--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com