Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 13Page - ATMEL Corporation AT89LP6440 Datasheet HTML 14Page - ATMEL Corporation AT89LP6440 Datasheet HTML 15Page - ATMEL Corporation AT89LP6440 Datasheet HTML 16Page - ATMEL Corporation AT89LP6440 Datasheet HTML 17Page - ATMEL Corporation AT89LP6440 Datasheet HTML 18Page - ATMEL Corporation AT89LP6440 Datasheet HTML 19Page - ATMEL Corporation AT89LP6440 Datasheet HTML 20Page - ATMEL Corporation AT89LP6440 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 194 page
background image
17
3706A–MICRO–9/09
AT89LP6440 - Preliminary
Figure 3-8 shows a hardware configuration for accessing 256-byte blocks of external RAM using
an 8-bit paged address. Port 0 serves as a multiplexed address/data bus to the RAM. The ALE
strobe is used to latch the address byte into an external register so that Port 0 can be freed for
data input/output. The Port 2 I/O lines (or other ports) can provide control lines to page the mem-
ory; however, this operation is not handled automatically by hardware. The software application
must change the Port 2 register when appropriate to access different pages. The MOVX @Ri
instructions use Paged Address mode.
Figure 3-8.
External Memory 8-bit Paged Address Mode
Note that prior to using the external memory interface, Port 2, WR (P3.6), RD (P3.7) and ALE
(P4.4) must be configured as outputs. See Section 10.1 “Port Configuration” on page 44. Port 0
is configured automatically to push-pull output mode when outputting address or data and is
P1
P0
I/O
ALE
P2
RD
P3
WR
AT89LP
DATA
LATCH
EXTERNAL
DATA
MEMORY
WE
ADDR
PAGE
BITS
OE
Table 3-4.
AUXR
– Auxiliary Control Register
CLKREG = 8EH
Reset Value = xxx0 0000B
Not Bit Addressable
––
–
XSTK
WS1WS0
EXRAM
ALES
Bit
7
6
543
21
0
Symbol
Function
XSTK
Extended Stack Enable. When XSTK = 0 the stack resides in IDATA and is limited to 256 bytes. Set XSTK = 1 to place
the stack in EDATA for up to 4K bytes of extended stack space. All PUSH, POP, CALL and RET instructions will incur a
one or two cycle penalty when accessing the extended stack.
WS[1-0]
Wait State Select. Determines the number of wait states inserted into external memory accesses.
WS1
WS0
Wait States
RD / WR Strobe Width
000
1 x tCYC
011
2 x t
CYC
102
3 x tCYC
113
4 x tCYC
EXRAM
External RAM Enable. When EXRAM = 0, MOVX instructions can access the internally mapped portions of the address
space. Accesses to addresses above internally mapped memory will access external memory. Set EXRAM = 1 to
bypass the internal memory and map the entire address space to external memory.
ALES
ALE Idle State. When ALES = 0 the idle polarity of ALE is high (active). When ALES = 1 the idle polarity of ALE is low
(inactive). The ALE strobe pulse is always active high. ALES must be zero in order to use P4.4 as a general I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com