Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 20Page - ATMEL Corporation AT89LP6440 Datasheet HTML 21Page - ATMEL Corporation AT89LP6440 Datasheet HTML 22Page - ATMEL Corporation AT89LP6440 Datasheet HTML 23Page - ATMEL Corporation AT89LP6440 Datasheet HTML 24Page - ATMEL Corporation AT89LP6440 Datasheet HTML 25Page - ATMEL Corporation AT89LP6440 Datasheet HTML 26Page - ATMEL Corporation AT89LP6440 Datasheet HTML 27Page - ATMEL Corporation AT89LP6440 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 194 page
background image
24
3706A–MICRO–9/09
AT89LP6440 - Preliminary
The MAC operation is performed by executing the MAC AB (A5 A4H) extended instruction. This
two-byte instruction requires nine clock cycles to complete. The operand registers are not modi-
fied by the instruction and the result is stored in the 40-bit M register. MAC AB also updates the
C and OV flags in PSW. C represents the sign of the MAC result and OV is the two’s comple-
ment overflow. Note that MAC AB will not clear OV if it was previously set to one.
Three additional extended instructions operate directly on the M register. CLR M (A5 E4H)
clears the entire 40-bit register in two clock cycles. LSL M (A5 23H) and ASR (A5 03H) shift M
one bit to the left and right respectively. Right shifts are done arithmetically, i.e. the sign is
preserved.
The 40-bit M register is accessible 16-bits at a time through a sliding window as shown in Figure
5-5. The MRW
1-0 bits in DSPR (Table 5-1) select which 16-bit segment is currently accessible
through the MACL and MACH addresses. For normal fixed point operations the window can be
fixed to the rank of interest. For example, multiplying two 1.15 format numbers places a 2.30 for-
mat result in the M register. If MRW is set to 10B, a 1.15 value is obtained after performing a
single LSL M.
Figure 5-5.
M Register with Sliding Window
As a consequence of the MAC unit, the standard 8x8 MUL AB instruction can support signed
multiplication. The SMLA and SMLB bits in DSPR control the multiplier’s interpretation of the
ACC and B registers, allowing any combination of signed and unsigned operand multiplication.
These bits have no effect on the MAC operation which always multiplies signed-by-signed.
5.2
Enhanced Dual Data Pointers
The AT89LP6440 provides two 16-bit data pointers: DPTR0 formed by the register pair DPOL
and DPOH (82H an 83H), and DPTR1 formed by the register pair DP1L and DP1H (84H and
85H). The data pointers are used by several instructions to access the program or data memo-
ries. The Data Pointer Configuration Register (DPCF) controls operation of the dual data
pointers (Table 5-5 on page 27). The DPS bit in DPCF selects which data pointer is currently ref-
erenced by instructions including the DPTR operand. Each data pointer may be accessed at its
respective SFR addresses regardless of the DPS value. The AT89LP6440 provides two meth-
ods for fast context switching of the data pointers:
• Bit 2 of DPCF is hard-wired as a logic 0. The DPS bit may be toggled (to switch data pointers)
simply by incrementing the DPCF register, without altering other bits in the register
unintentionally. This is the preferred method when only a single data pointer will be used at
one time.
EX:
INC
DPCF
; Toggle DPS
M
23 – 16
15 – 8
7 – 0
31 – 24
39 – 32
Byte 4
Byte 3
Byte 2
Byte 1
Byte 0
MACH
MACL
MACH
MACL
MACH
MACL
MACH
MACL
MRW1-0 = 00B
MRW1-0 = 01B
MRW1-0 = 10B
MRW1-0 = 11B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com