Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP6440 Datasheet(PDF) 121 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 121 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 117Page - ATMEL Corporation AT89LP6440 Datasheet HTML 118Page - ATMEL Corporation AT89LP6440 Datasheet HTML 119Page - ATMEL Corporation AT89LP6440 Datasheet HTML 120Page - ATMEL Corporation AT89LP6440 Datasheet HTML 121Page - ATMEL Corporation AT89LP6440 Datasheet HTML 122Page - ATMEL Corporation AT89LP6440 Datasheet HTML 123Page - ATMEL Corporation AT89LP6440 Datasheet HTML 124Page - ATMEL Corporation AT89LP6440 Datasheet HTML 125Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 194 page
background image
121
3706A–MICRO–9/09
AT89LP6440 - Preliminary
88h
Previously addressed with
own SLA+W; data has been
received; NOT ACK has
been returned
Read data byte
0
0
1
0
Switched to the not addressed Slave mode; no
recognition of own SLA or GCA
Read data byte
0
0
1
1
Switched to the not addressed Slave mode;
own SLA will be recognized; GCA will be
recognized if GC = “1”
Read data byte
1
0
1
0
Switched to the not addressed Slave mode; no
recognition of own SLA or GCA; a START
condition will be transmitted when the bus
becomes free
Read data byte
1
0
1
1
Switched to the not addressed Slave mode;
own SLA will be recognized; GCA will be
recognized if GC = “1”; a START condition will
be transmitted when the bus becomes free
90h
Previously addressed with
general call; data has been
received; ACK has been
returned
Read data byte
X
0
1
0
Data byte will be received and NOT ACK will be
returned
Read data byte
X
0
1
1
Data byte will be received and ACK will be
returned
98h
Previously addressed with
general call; data has been
received; NOT ACK has
been returned
Read data byte
0
0
1
0
Switched to the not addressed Slave mode; no
recognition of own SLA or GCA
Read data byte
0
0
1
1
Switched to the not addressed Slave mode;
own SLA will be recognized; GCA will be
recognized if GC = “1”
Read data byte
1
0
1
0
Switched to the not addressed Slave mode; no
recognition of own SLA or GCA; a START
condition will be transmitted when the bus
becomes free
Read data byte
1
0
1
1
Switched to the not addressed Slave mode;
own SLA will be recognized; GCA will be
recognized if GC = “1”; a START condition will
be transmitted when the bus becomes free
A0h
A STOP condition or
repeated START condition
has been received while still
addressed as slave
No Action
0
0
1
0
Switched to the not addressed Slave mode; no
recognition of own SLA or GCA
No Action
0
0
1
1
Switched to the not addressed Slave mode;
own SLA will be recognized; GCA will be
recognized if GC = “1”
No Action
1
0
1
0
Switched to the not addressed Slave mode; no
recognition of own SLA or GCA; a START
condition will be transmitted when the bus
becomes free
No Action
1
0
1
1
Switched to the not addressed Slave mode;
own SLA will be recognized; GCA will be
recognized if GC = “1”; a START condition will
be transmitted when the bus becomes free
Table 18-8.
Status Codes for Slave Receiver Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com