Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 160 page
background image
Pin Descriptions
Technical Data
MC68HC705P9 — Rev. 4.0
28
Pin Descriptions
MOTOROLA
2.3.2.2 Ceramic Resonator Connections
To reduce cost, use a ceramic
resonator in place of the crystal.
Figure 2-4 shows a ceramic
resonator circuit. For the values
of any external components,
follow the recommendations of
the resonator manufacturer. The
load capacitance values used in
the oscillator circuit design
should include all stray layout
capacitances. To minimize
output distortion, mount the
resonator and capacitors as
close as possible to the pins.
NOTE:
Because the frequency stability of ceramic resonators is not as high as
that of crystal oscillators, using a ceramic resonator may degrade the
performance of the ADC.
2.3.2.3 External Clock Connections
An external clock from another
CMOS-compatible device can
drive the OSC1 input, with the
OSC2 pin unconnected, as
Figure 2-5 shows.
2.3.3 RESET
A logic zero on the RESET pin
forces the MCU to a known
startup state. The RESET pin
input circuit contains an internal
Schmitt trigger to improve noise
immunity.
MCU
CERAMIC
RESONATOR
Figure 2-4. Ceramic Resonator
Connections
MCU
EXTERNAL
CMOS CLOCK
UNCONNECTED
Figure 2-5. External Clock
Connections
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com