Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 160 page
background image
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Parallel Input/Output (I/O) Ports
81
Technical Data — MC68HC705P9
Section 7. Parallel Input/Output (I/O) Ports
7.1 Contents
7.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
7.3
Port A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
7.3.1
Port A Data Register (PORTA). . . . . . . . . . . . . . . . . . . . . . . 83
7.3.2
Data Direction Register A (DDRA) . . . . . . . . . . . . . . . . . . . .83
7.4
Port B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
7.4.1
Port B Data Register (PORTB). . . . . . . . . . . . . . . . . . . . . . . 85
7.4.2
Data Direction Register B (DDRB) . . . . . . . . . . . . . . . . . . . .86
7.5
Port C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
7.5.1
Port C Data Register (PORTC) . . . . . . . . . . . . . . . . . . . . . . 88
7.5.2
Data Direction Register C (DDRC) . . . . . . . . . . . . . . . . . . . .89
7.6
Port D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
7.6.1
Port D Data Register (PORTD) . . . . . . . . . . . . . . . . . . . . . . 91
7.6.2
Data Direction Register D (DDRD) . . . . . . . . . . . . . . . . . . . .92
7.2 Introduction
Twenty bidirectional pins and one input-only pin form four parallel
input/output (I/O) ports. All the bidirectional port pins are programmable
as inputs or outputs.
NOTE:
Connect any unused I/O pins to an appropriate logic level, either VDD or
VSS. Although the I/O ports do not require termination for proper
operation, termination reduces excess current consumption and the
possibility of electrostatic damage.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com