Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 160 page
background image
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Low Power Modes
75
Technical Data — MC68HC705P9
Section 6. Low Power Modes
6.1 Contents
6.2
Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
6.3
Wait Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
6.4
Data-Retention Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
6.2 Stop Mode
The STOP instruction puts the MCU in its lowest power-consumption
mode and has the following effects on the MCU:
•
Stops the internal oscillator, the CPU clock, and the internal clock,
turning off the capture/compare timer, the COP watchdog, the
SIOP, and the ADC
•
Clears the I bit in the condition code register, enabling external
interrupts
•
Clears the ICIE, OCIE, and TOIE bits in the timer control register,
disabling further timer interrupts
The STOP instruction does not affect any other registers or any I/O lines.
The following events bring the MCU out of stop mode:
•
An external interrupt signal on the IRQ/VPP pin — A high-to-low
transition on the IRQ/VPP pin loads the program counter with the
contents of locations $1FFA and $1FFB. The timer resumes
counting from the last value before the STOP instruction.
•
External reset — A logic zero on the RESET pin resets the MCU
and loads the program counter with the contents of locations
$1FFE and $1FFF. The timer begins counting from $FFFC.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com