Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 160 page
background image
Parallel Input/Output (I/O) Ports
Technical Data
MC68HC705P9 — Rev. 4.0
88
Parallel Input/Output (I/O) Ports
MOTOROLA
7.5.1 Port C Data Register (PORTC)
The port C data register contains a latch for each of the eight port C pins.
PC[7:0] — Port C Data Bits
These read/write bits are software programmable. Data direction of
each port C pin is under the control of the corresponding bit in data
direction register C. Reset has no effect on port C data.
VRH — Voltage Reference High Bit
When the ADC is turned on, the PC7/VRH pin is the positive ADC
reference voltage.
AN[3:0] — Analog Input Bits
When the ADC is turned on, the AN0–AN3 pins are software-
selectable analog inputs. Unused analog inputs can be used as digital
inputs, but pins PC3/AN3, PC4/AN2, PC5/AN1, and PC6/AN0 cannot
be used as digital outputs while the ADC is on. Only pins PC0, PC1,
and PC2 can be used as digital outputs when the ADC is on.
The port C data register reads normally while the ADC is on, except
that the bit corresponding to the currently selected ADC input pin
reads as logic zero.
Writing to bits PC7–PC3 while the ADC is on can produce
unpredictable ADC results.
$0002
Bit 7
6
54321
Bit 0
Read:
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
Write:
Reset:
Unaffected by reset
Alternate
Function:
VRH
AN0
AN1
AN2
AN3
Figure 7-8. Port C Data Register (PORTC)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com