Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 160 page
background image
Parallel Input/Output (I/O) Ports
Technical Data
MC68HC705P9 — Rev. 4.0
90
Parallel Input/Output (I/O) Ports
MOTOROLA
Writing a logic one to a DDRC bit enables the output buffer for the
corresponding port C pin; a logic zero disables the output buffer.
When bit DDRCx is a logic one, reading address $0002 reads the PCx
data latch. When bit DDRCx is a logic zero, reading address $0002
reads the voltage level on the pin. The data latch can always be written,
regardless of the state of its data direction bit. Table 7-3 summarizes the
operation of the port C pins.
7.6 Port D
Port D is a 2-bit port with one I/O pin and one input-only pin. Port D
shares the input-only pin, PD7/TCAP, with the capture/compare timer.
PD7/TCAP is the timer input capture pin. The PD7/TCAP pin can always
be a general-purpose input, even if input capture interrupts are enabled.
Table 7-3. Port C Pin Operation
Data Direction Bit
I/O Pin Mode
Accesses to Data Bit
Read
Write
0
Input, Hi-Z(1)
1. Hi-Z = high impedance
Pin
Latch(2)
2. Writing affects data register, but does not affect input.
1
Output
Latch
Latch
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com