Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 160 page
background image
Low Power Modes
Technical Data
MC68HC705P9 — Rev. 4.0
78
Low Power Modes
MOTOROLA
6.3 Wait Mode
The WAIT instruction puts the MCU in an intermediate power-
consumption mode and has the following effects on the MCU:
•
Clears the I bit in the condition code register, enabling interrupts
•
Stops the CPU clock, but allows the internal clock to drive the
capture/compare timer, the COP watchdog, and the ADC
The WAIT instruction does not affect any other registers or any I/O lines.
The following conditions restart the CPU clock and bring the MCU out of
wait mode:
•
External interrupt — A high-to-low transition on the IRQ/VPP pin
loads the program counter with the contents of locations $1FFA
and $1FFB.
•
Timer interrupt — Input capture, output compare, and timer
overflow interrupt requests load the program counter with the
contents of locations $1FF8 and $1FF9.
•
COP watchdog reset — A timeout of the COP watchdog resets the
MCU and loads the program counter with the contents of locations
$1FFE and $1FFF. Software can enable timer interrupts so that
the MCU can periodically exit wait mode to reset the COP
watchdog.
•
External reset — A logic zero on the RESET pin resets the MCU
and loads the program counter with the contents of locations
$1FFE and $1FFF.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com