Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 160 page
background image
Memory
Technical Data
MC68HC705P9 — Rev. 4.0
32
Memory
MOTOROLA
3.3 Memory Map
$0000
↓
$001F
I/O REGISTERS (32 BYTES)
PORT A DATA REGISTER (PORTA)
$0000
PORT B DATA REGISTER (PORTB)
$0001
PORT C DATA REGISTER (PORTC)
$0002
$0020
↓
$004F
PAGE ZERO USER EPROM (48 BYTES)
PORT D DATA REGISTER (PORTD)
$0003
DATA DIRECTION REGISTER A (DDRA)
$0004
DATA DIRECTION REGISTER B (DDRB)
$0005
$0050
↓
$007F
UNIMPLEMENTED (48 BYTES)
DATA DIRECTION REGISTER C (DDRC)
$0006
DATA DIRECTION REGISTER D (DDRD)
$0007
UNIMPLEMENTED
$0008
$0080
↓
$00FF
RAM (128 BYTES)
$0009
SIOP CONTROL REGISTER (SCR)
$000A
SIOP STATUS REGISTER (SSR)
$000B
$0100
↓
$08FF
USER EPROM (2048 BYTES)
SIOP DATA REGISTER (SDR)
$000C
UNIMPLEMENTED
$000D
$000E
$0900
MASK OPTION REGISTER
$000F
$0901
↓
$1EFF
UNIMPLEMENTED (5631 BYTES)
$0010
$0011
TIMER CONTROL REGISTER (TCR)
$0012
$1F00
↓
$1FEF
BOOTLOADER ROM (240 BYTES)
TIMER STATUS REGISTER (TSR)
$0013
INPUT CAPTURE REGISTER HIGH (ICRH)
$0014
INPUT CAPTURE REGISTER LOW (ICRL)
$0015
$1FF0
COP CONTROL REGISTER
OUTPUT COMPARE REGISTER HIGH (OCRH)
$0016
$1FF1
↓
$1FF7
RESERVED
OUTPUT COMPARE REGISTER LOW (OCRL)
$0017
TIMER REGISTER HIGH (TRH)
$0018
TIMER REGISTER LOW (TRL)
$0019
$1FF8
↓
$1FFF
USER VECTOR EPROM (8 BYTES)
ALTERNATE TIMER REGISTER HIGH (ATRH)
$001A
ALTERNATE TIMER REGISTER LOW (ATRL)
$001B
EPROM PROGRAMMING REGISTER (EPROG)
$001C
ADC DATA REGISTER (ADDR)
$001D
ADC STATUS/CONTROL REGISTER (ADSCR)
$001E
RESERVED
$001F
TIMER INTERRUPT VECTOR HIGH
$1FF8
TIMER INTERRUPT VECTOR LOW
$1FF9
EXTERNAL INTERRUPT VECTOR HIGH
$1FFA
EXTERNAL INTERRUPT VECTOR LOW
$1FFB
SOFTWARE INTERRUPT VECTOR HIGH
$1FFC
SOFTWARE INTERRUPT VECTOR LOW
$1FFD
RESET VECTOR HIGH
$1FFE
RESET VECTOR LOW
$1FFF
Figure 3-1. Memory Map
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com