Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 160 page
background image
Parallel Input/Output (I/O) Ports
Port B
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Parallel Input/Output (I/O) Ports
85
7.4 Port B
Port B is a 3-bit I/O port that shares its pins with the serial I/O port
(SIOP).
NOTE:
Do not use port B for general-purpose I/O while the SIOP is enabled.
7.4.1 Port B Data Register (PORTB)
The port B data register contains a latch for each of the three port B pins.
PB[7:5] — Port B Data Bits
These read/write bits are software programmable bits. Data direction
of each port B pin is under the control of the corresponding bit in data
direction register B. Reset has no effect on port B data.
NOTE:
Writing to data direction register B does not affect the data direction of
port B pins that are being used by the SIOP. However, data direction
register B always determines whether reading port B returns the states
of the latches or the states of the pins.
SCK — Serial Clock
When the SIOP is enabled, SCK is the SIOP clock output (in master
mode) or the SIOP clock input (in slave mode).
$0001
Bit 7
6
54321
Bit 0
Read:
PB7
PB6
PB5
00000
Write:
Reset:
Unaffected by reset
Alternate
Function:
SCK
SDI
SDO
= Unimplemented
Figure 7-5. Port B Data Register (PORTB)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com