Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 160 page
background image
Low Power Modes
Technical Data
MC68HC705P9 — Rev. 4.0
76
Low Power Modes
MOTOROLA
When the MCU exits stop mode, processing resumes after a
stabilization delay of 4064 oscillator cycles.
An active edge on the PD7/TCAP pin during stop mode sets the ICF flag
when an external interrupt brings the MCU out of stop mode. An external
interrupt also latches the value in the timer registers into the input
capture registers.
If a reset brings the MCU out of stop mode, then an active edge on the
PD7/TCAP pin during stop mode has no effect on the ICF flag or the
input capture registers.
See Figure 6-1 for stop recovery timing information.
Figure 6-1. Stop Recovery Timing
t
ILIH
4064 t
CYC
OSC
t
RL
RESET
IRQ/V
PP
IRQ/V
PP
INTERNAL
CLOCK
INTERNAL
ADDRESS
Notes:
1. Internal clocking from OSC1 pin
2. Edge-triggered external interrupt mask option
3. Edge- and level-triggered external interrupt mask option
4. Reset vector shown as example
RESET OR INTERRUPT
VECTOR FETCH
1FFE
1FFE
1FFE
1FFE
1FFE
1FFF
(NOTE 4)
BUS
(NOTE 3)
(NOTE 2)
(NOTE 1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com