Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 160 page
background image
Resets and Interrupts
Technical Data
MC68HC705P9 — Rev. 4.0
66
Resets and Interrupts
MOTOROLA
5.2 Resets
A reset immediately stops the operation of the instruction being
executed, initializes certain control bits, and loads the program counter
with a user-defined reset vector address. The following sources can
generate resets:
•
Power-on reset (POR) circuit
•
RESET pin
•
COP watchdog
Figure 5-1. Reset Sources
5.2.1 Power-On Reset
A positive transition on the VDD pin generates a power-on reset.
NOTE:
The power-on reset is strictly for power-up conditions and cannot be
used to detect drops in power supply voltage.
A 4064 t
CYC (internal clock cycle) delay after the oscillator becomes
active allows the clock generator to stabilize. If the RESET pin is at logic
zero at the end of 4064 t
CYC, the MCU remains in the reset condition until
the signal on the RESET pin goes to logic one.
DQ
CK
S
RESET
LATCH
POWER-ON RESET
COP WATCHDOG
(PROGRAMMABLE OPTION)
INTERNAL CLOCK
RST
TO CPU AND
RESET
V
DD
SUBSYSTEMS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com