Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 160 page
background image
Resets and Interrupts
Interrupts
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Resets and Interrupts
71
5.4.3 Timer Interrupts
The capture/compare timer can generate the following interrupts:
•
Input capture interrupt
•
Output compare interrupt
•
Timer overflow interrupt
Setting the I bit in the condition code register disables timer interrupts.
5.4.3.1 Input Capture Interrupt
An input capture interrupt request occurs if the input capture flag, ICF,
becomes set while the input capture interrupt enable bit, ICIE, is also set.
ICF is in the timer status register, and ICIE is in the timer control register.
5.4.3.2 Output Compare Interrupt
An output compare interrupt request occurs if the output compare flag,
OCF, becomes set while the output compare interrupt enable bit, OCIE,
is also set. OCF is in the timer status register, and OCIE is in the timer
control register.
5.4.3.3 Timer Overflow Interrupt
A timer overflow interrupt request occurs if the timer overflow flag, TOF,
becomes set while the timer overflow interrupt enable bit, TOIE, is also
set. TOF is in the timer status register, and TOIE is in the timer control
register.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com