Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 160 page
background image
Resets and Interrupts
Technical Data
MC68HC705P9 — Rev. 4.0
68
Resets and Interrupts
MOTOROLA
5.2.3 COP Watchdog Reset
A timeout of the COP watchdog generates a COP reset. The COP
watchdog is part of a software error detection system and must be
cleared periodically to start a new timeout period. To clear the COP
watchdog and prevent a COP reset, write a logic zero to bit 0 (COPC) of
the COP register at location $1FF0.
5.3 Low-Voltage Protection
A drop in power supply voltage below the minimum operating VDD
voltage is called a brownout condition. A brownout while the MCU is in a
non-reset state can corrupt MCU operation and necessitate a power-on
reset to resume operation.
The best protection against brownout is an undervoltage sensing circuit
that pulls the RESET pin low when it detects a low-power supply voltage.
The undervoltage sensing circuit may be made of discrete components
or an integrated circuit can be used.
For information about brownout and the COP watchdog, see Section 8.
Computer Operating Properly Watchdog (COP).
5.4 Interrupts
The following sources can generate interrupts:
•
SWI instruction
•
IRQ/VPP pin
•
Capture/compare timer
An interrupt temporarily stops normal program execution to process a
particular event. An interrupt does not stop the operation of the
instruction being executed, but takes effect when the current instruction
completes its execution. Interrupt processing automatically saves the
CPU registers on the stack and loads the program counter with a user-
defined interrupt vector address.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com