Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 99Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 100Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 160 page
background image
Computer Operating Properly Watchdog (COP)
Interrupts
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Computer Operating Properly Watchdog (COP)
97
8.4.3 Clearing the COP Watchdog
To clear the COP watchdog and prevent a COP reset, write a logic zero
to bit 0 (COPC) of the COP register at location $1FF0.
If the main program executes within the COP timeout period, the clearing
routine needs to be executed only once. If the main program takes
longer than the COP timeout period, the clearing routine must be
executed more than once.
NOTE:
Place the clearing routine in the main program and not in an interrupt
routine. Clearing the COP watchdog in an interrupt routine might prevent
COP watchdog timeouts even though the main program is not operating
properly.
8.5 Interrupts
The COP watchdog does not generate interrupts.
8.6 COP Register
The COP register is a write-only register that returns the contents of
EPROM location $1FF0 when read.
COPC — COP Clear
COPC is a write-only bit. Periodically writing a logic zero to COPC
prevents the COP watchdog from resetting the MCU. Reset clears the
COPC bit.
$1FF0
Bit 7
6
54321
Bit 0
Read:
D7
D6
D5
D4
D3
D2
D1
D0
Write:
COPC
Reset:
UUUUUUU
0
= Unimplemented
U = Unaffected
Figure 8-1. COP Register (COPR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com