Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 160 page
background image
Pin Descriptions
Pin Functions
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Pin Descriptions
29
2.3.4 IRQ/VPP
The IRQ/VPP pin has the following functions:
•
Applying asynchronous external interrupt signals
•
Applying VPP, the EPROM/OTPROM programming voltage
2.3.5 PA7–PA0
PA7–PA0 are general-purpose bidirectional I/O port pins. Use data
direction register A to configure port A pins as inputs or outputs.
2.3.6 PB7/SCK–PB5/SDO
Port B is a 3-pin bidirectional I/O port that shares its pins with the SIOP.
Use data direction register B to configure port B pins as inputs or
outputs.
2.3.7 PC7/VRH–PC0
Port C is an 8-pin bidirectional I/O port that shares five of its pins with the
ADC. Use data direction register C to configure port C pins as inputs or
outputs.
2.3.8 PD7/TCAP and PD5
Port D is a 2-pin I/O port that shares one of its pins with the
capture/compare timer. Use data direction register D to configure port D
pins as inputs or outputs.
2.3.9 TCMP
The TCMP pin is the output compare pin for the capture/compare timer.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com