Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 160 page
background image
Central Processor Unit (CPU)
Technical Data
MC68HC705P9 — Rev. 4.0
44
Central Processor Unit (CPU)
MOTOROLA
4.2 Features
Features include:
•
2.1-MHz bus frequency
•
8-bit accumulator
•
8-bit index register
•
13-bit program counter
•
6-bit stack pointer
•
Condition code register with five status flags
•
62 instructions
•
Eight addressing modes
•
Power-saving stop, wait, and data-retention modes
4.3 Introduction
The central processor unit (CPU) consists of a CPU control unit, an
arithmetic/logic unit (ALU), and five CPU registers. The CPU control unit
fetches and decodes instructions. The ALU executes the instructions.
The CPU registers contain data, addresses, and status bits that reflect
the results of CPU operations.
4.4 CPU Control Unit
The CPU control unit fetches and decodes instructions during program
operation. The control unit selects the memory locations to read and
write and coordinates the timing of all CPU operations.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com