Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 160 page
background image
Central Processor Unit (CPU)
Technical Data
MC68HC705P9 — Rev. 4.0
46
Central Processor Unit (CPU)
MOTOROLA
4.6 CPU Registers
The M68HC05 CPU contains five registers that control and monitor MCU
operation:
•
Accumulator
•
Index register
•
Stack pointer
•
Program counter
•
Condition code register
CPU registers are not memory mapped.
4.6.1 Accumulator
The accumulator is a general-purpose 8-bit register. The CPU uses the
accumulator to hold operands and the results of arithmetic and logic
operations.
4.6.2 Index Register
The index register can be used for data storage or as a counter. In the
indexed addressing modes, the CPU uses the byte in the index register
to determine the effective address of the operand.
Bit 7
6
54
32
1
Bit 0
Read:
Write:
Reset:
Unaffected by reset
Figure 4-2. Accumulator (A)
Bit 7
6
54
32
1
Bit 0
Read:
Write:
Reset:
Unaffected by reset
Figure 4-3. Index Register (X)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com