Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 99Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 100Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 101Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 102Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 103Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 160 page
background image
Timer
Technical Data
MC68HC705P9 — Rev. 4.0
100
Timer
MOTOROLA
9.2 Features
Features include:
•
Programmable polarity of input capture edge
•
Programmable polarity of output compare signal
•
Alternate counter registers
•
16-bit counter
•
Interrupt-driven operation with three maskable interrupt flags:
–
Input capture
–
Output compare
–
Timer overflow
9.3 Introduction
The timer provides a timing reference for MCU operations. The input
capture and output compare functions provide a means to latch the
times at which external events occur, to measure input waveforms, and
to generate output waveforms and timing delays. Figure 9-1 shows the
structure of the timer module.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com