Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 160 page
background image
Parallel Input/Output (I/O) Ports
Technical Data
MC68HC705P9 — Rev. 4.0
92
Parallel Input/Output (I/O) Ports
MOTOROLA
7.6.2 Data Direction Register D (DDRD)
Data direction register D determines whether each port D pin is an input
or an output.
DDRD5 — Data Direction Register D Bit
This read/write bit controls the data direction of pin PD5. Reset clears
DDRD5, configuring PD5 as an input.
1 = PD5 configured as output
0 = PD5 configured as input
NOTE:
Avoid glitches on port D pins by writing to the port D data register before
changing data direction register D bits from 0 to 1.
Figure 7-13 shows the I/O logic of port D.
Figure 7-13. Port D I/O Logic
$0007
Bit 7
6
54321
Bit 0
Read:
0
0
DDRD5
00000
Write:
Reset:
00
000000
= Unimplemented
Figure 7-12. Data Direction Register D (DDRD)
READ DATA DIRECTION REGISTER D ($0007)
WRITE DATA DIRECTION REGISTER D ($0007)
RESET
WRITE PORT D DATA REGISTER ($0003)
READ PORT D DATA REGISTER ($0003)
PDx
PDx
DDRDx
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com