Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 160 page
background image
Resets and Interrupts
Interrupts
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Resets and Interrupts
69
5.4.1 Software Interrupt
The software interrupt (SWI) instruction causes a non-maskable
interrupt.
5.4.2 External Interrupt
An interrupt signal on the IRQ/VPP pin latches an external interrupt
request. When the CPU completes its current instruction, it tests the IRQ
latch. If the IRQ latch is set, the CPU then tests the I bit in the condition
code register. If the I bit is clear, the CPU then begins the interrupt
sequence.
The CPU clears the IRQ latch during interrupt processing, so that
another interrupt signal on the IRQ/VPP pin can latch another interrupt
request during the interrupt service routine. As soon as the I bit is cleared
during the return from interrupt, the CPU can recognize the new interrupt
request. Figure 5-4 shows the IRQ/VPP pin interrupt logic.
Figure 5-4. External Interrupt Logic
Setting the I bit in the condition code register disables external interrupts.
Interrupt triggering sensitivity of the IRQ/VPP pin is a programmable
option. The IRQ/VPP pin can be negative-edge triggered or negative-
edge- and low-level triggered. The level-sensitive triggering option
allows multiple external interrupt sources to be wire-ORed to the
DQ
CK
CLR
LEVEL-SENSITIVE TRIGGER
(MOR OPTION)
VDD
EXTERNAL
INTERRUPT
REQUEST
RESET
VECTOR FETCH
IRQ/VPP
I
(FROM CCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com