Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 160 page
background image
Memory
EPROM/OTPROM
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Memory
37
3.6 EPROM/OTPROM
An MCU with a quartz window has 2104 bytes of erasable,
programmable ROM (EPROM). The quartz window allows EPROM
erasure with ultraviolet light.
NOTE:
Keep the quartz window covered with an opaque material except when
programming the MCU. Ambient light may affect MCU operation.
In an MCU without the quartz window, the EPROM cannot be erased
and serves as 2104 bytes of one-time programmable ROM (OTPROM).
The following addresses are user EPROM/OTPROM locations:
•
$0020–$004F
•
$0100–$08FF
•
$1FF8–$1FFF (reserved for user-defined interrupt and reset
vectors)
The mask option register (MOR) is an EPROM/OTPROM location at
address $0900.
3.6.1 EPROM/OTPROM Programming
The two ways to program the EPROM/OTPROM are:
•
Manipulating the control bits in the EPROM programming register
to program the EPROM/OTPROM on a byte-by-byte basis
•
Activating the bootloader ROM to download the contents of an
external memory device to the on-chip EPROM/OTPROM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com