Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705P9CS Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 135Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 136Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 137Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 138Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 139Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 140Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 141Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 142Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 160 page
background image
Electrical Specifications
Operating Temperature Range
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Electrical Specifications
139
12.3 Operating Temperature Range
12.4 Thermal Characteristics
Package Type
Symbol
Value
Unit
MC68HC705P9P(1), DW(2), S(3) (Standard)
MC68HC705P9C(4)P, CDW, CS (Extended)
MC68HC705P9V(5)P, VDW, VS (Automotive)
MC68HC705P9M(6)P, MDW, MS (Automotive)
1. P = Plastic dual in-line package (PDIP)
2. DW = Small outline integrated circuit (SOIC)
3. S = Ceramic dual in-line package (Cerdip)
4. C = Extended temperature range (–40 to +85
°C)
5. V = Automotive temperature range (–40 to +105
°C)
6. M = Automotive temperature range (–40 to +125
°C)
TA
TL to TH
0 to 70
–40 to +85
–40 to +105
–40 to +125
°C
Characteristic
Symbol
Value
Unit
Thermal Resistance
Plastic Dual In-Line Package (PDIP)
Small Outline Integrated Circuit (SOIC)
Ceramic Dual In-Line Package (Cerdip)
θ
JA
60
60
60
°C/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com