Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 4 Page - Texas Instruments

  MSP430F5632IPZ Datasheet HTML 1Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 2Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 3Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 4Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 5Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 6Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 7Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 8Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 101 page
background image
Unified
Clock
System
256KB
192KB
128KB
Flash
MCLK
ACLK
SMCLK
I/OPorts
P1/P2
2×8I/Os
Interrupt
Capability
PA
1×16I/Os
CPUXV2
and
Working
Registers
EEM
(L:8+2)
XIN XOUT
JTAG/
Interface/
PortPJ
SBW
PA
PB
PC
PD
DMA
6Channel
XT2IN
XT OUT
2
Power
Management
LDO
SVM/
Brownout
SVS
SYS
Watchdog
P2Port
Mapping
Controller
I/OPorts
P3/P4
2×8I/Os
Interrupt
Capability
PB
1×16I/Os
I/OPorts
P5/P6
2×8I/Os
PC
1×16I/Os
I/OPorts
P7/P8
1×6I/Os
PD
1×14I/Os
1×8I/Os
I/OPorts
P9
1×8I/Os
PE
1×8I/Os
MPY32
TA0
Timer_A
5CC
Registers
TA1and
TA2
2Timer_A
eachwith
3CC
Registers
TB0
Timer_B
7CC
Registers
CRC16
USCI0,1
Ax:UART,
IrDA,SPI
Bx:SPI,I2C
DV
CC
DV
SS
AV
CC
AV
SS
P1.x
P2.x
P3.x
P4.x
P5.x
P6.x
P7.x
P8.x
P9.x
RST/NMI
REF
Reference
1.5V,2.0V,
2.5V
USB
Full-speed
Comp_B
PJ.x
RTC_B
Battery
Backup
System
16KB
RAM
+2KBRAM
USBBuffer
+8BBackup
RAM
MSP430F563x
SLAS650A – JUNE 2010 – REVISED JULY 2010
www.ti.com
Functional Block Diagram, MSP430F5632, MSP430F5631, MSP430F5630
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com